Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z2V2 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MM3Z2V2
Description  Small plastic package suitable for surface mounted
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MM3Z2V2 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MM3Z2V2 Datasheet HTML 1Page - Bruckewell Technology LTD MM3Z2V2 Datasheet HTML 2Page - Bruckewell Technology LTD MM3Z2V2 Datasheet HTML 3Page - Bruckewell Technology LTD MM3Z2V2 Datasheet HTML 4Page - Bruckewell Technology LTD MM3Z2V2 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MM3Z2V0_MM3Z75
VZ : 2.0 to 75 V
PD : 300 mW
Publication Order Number: [MM3Z2V0_MM3Z75]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS
Type No.
Marking
Zener Voltage (1)
Test
Current
Zener
Impedance(2)
Test Current
Leakage
Current
VZ @ IZT (V)
IZT
ZZ @ IZ
IZ
IR @ VR
Min
Nom
Max
(mA)
(Ω)
(mA)
(μA)
(V)
MM3Z2V0
B0
1.80
2.0
2.15
5.0
100
5.0
120
0.5
MM3Z2V2
C0
2.08
2.2
2.33
5.0
100
5.0
120
0.07
MM3Z2V4
1C
2.28
2.4
2.56
5.0
100
5.0
120
1.0
MM3Z2V7
1D
2.5
2.7
2.9
5.0
110
5.0
120
1.0
MM3Z3V0
1E
2.8
3.0
3.2
5.0
120
5.0
50
1.0
MM3Z3V3
1F
3.1
3.3
3.5
5.0
130
5.0
20
1.0
MM3Z3V6
1H
3.4
3.6
3.8
5.0
130
5.0
10
1.0
MM3Z3V9
1J
3.7
3.9
4.1
5.0
130
5.0
5.0
1.0
MM3Z4V3
1K
4.0
4.3
4.6
5.0
130
5.0
5.0
1.0
MM3Z4V7
1M
4.4
4.7
5.0
5.0
130
5.0
2.0
1.0
MM3Z5V1
1N
4.8
5.1
5.4
5.0
130
5.0
2.0
1.5
MM3Z5V6
1P
5.2
5.6
6.0
5.0
80
5.0
1.0
2.5
MM3Z6V2
1R
5.8
6.2
6.6
5.0
50
5.0
1.0
3.0
MM3Z6V8
1X
6.4
6.8
7.2
5.0
30
5.0
0.5
3.5
MM3Z7V5
1Y
7.0
7.5
7.9
5.0
30
5.0
0.5
4.0
MM3Z8V2
1Z
7.7
8.2
8.7
5.0
30
5.0
0.5
5.0
MM3Z9V1
2A
8.5
9.1
9.6
5.0
30
5.0
0.5
6.0
MM3Z10
2B
9.4
10
10.6
5.0
30
5.0
0.1
7.0
MM3Z11
2C
10.4
11
11..6
5.0
30
5.0
0.1
8.0
MM3Z12
2D
11.4
12
12.7
5.0
35
5.0
0.1
9.0
MM3Z13
2E
12.4
13
14.1
5.0
35
5.0
0.1
10
MM3Z15
2F
13.8
15
15.8
5.0
40
5.0
0.1
11
MM3Z16
2H
15.3
16
17.1
5.0
40
5.0
0.1
12
MM3Z18
2J
16.8
18
19.1
5.0
45
5.0
0.1
13
MM3Z20
2K
18.8
20
21.2
5.0
50
5.0
0.1
15
MM3Z22
2M
20.8
22
23.3
5.0
55
5.0
0.1
17
MM3Z24
2N
22.8
24
25.6
5.0
60
2.0
0.1
19
MM3Z27
2P
25.1
27
28.9
5.0
70
2.0
0.1
21
MM3Z30
2R
28
30
32
5.0
80
2.0
0.1
23
MM3Z33
2X
31
33
35
5.0
80
2.0
0.1
25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com