Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBT3906DW1 Datasheet (PDF) - Formosa MS

FMBT3906DW1 Datasheet PDF - Formosa MS
Part # FMBT3906DW1
Download  FMBT3906DW1 Download
File Size   141.33 Kbytes
Page   10 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description Dual PNP Epitaxial Planar Transistor

FMBT3906DW1 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBT3906DW1 Datasheet PDF - Formosa MS

Part # FMBT3906DW1
Download  FMBT3906DW1 Click to download

File Size   141.33 Kbytes
Page   10 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description Dual PNP Epitaxial Planar Transistor

FMBT3906DW1 Datasheet (HTML) - Formosa MS


FMBT3906DW1 Product details

200mA Silicon PNP Epitaxial Planar Transistor

Features
• High collector-emitterbreakdien voltage. (BVCEO = -40V@IC=-1.0mA)
• Small load switch transistor with high gain and low stauration voltage, is designed for general purpose amflifier and switching applications at collector current.
• Offer PNP+ PNP in one package recommended
• Capable of 150mW power dissipation.
• Lead-free parts for green partner, exceeds environmental standards of MIL-STD-19500 /228
• Suffix "-H" indicates Halogen-free part, ex.FMBT3906DW1-H




Similar Part No. - FMBT3906DW1

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT3906 FORMOSA-FMBT3906 Datasheet
36Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
First Components Intern...
FMBT3906 FCI-FMBT3906 Datasheet
61Kb / 2P
PNP General Purpose Transistor Collector - Emitter Voltage VCEO -40
logo
Formosa MS
FMBT3906W FORMOSA-FMBT3906W Datasheet
135Kb / 10P
SMD PNP Transistor
FMBT3906 FORMOSA-FMBT3906_11 Datasheet
729Kb / 10P
200mA Silicon PNP Epitaxial Planar Transistor
FMBT3906 FORMOSA-FMBT3906_17 Datasheet
435Kb / 10P
SMD PNP Transistor
More results


Similar Description - FMBT3906DW1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MMDTXA4415DW SEMTECH_ELEC-MMDTXA4415DW Datasheet
424Kb / 4P
NPN/PNP Silicon Epitaxial Planar Dual Transistor
logo
First Silicon Co., Ltd
UMC5N FS-UMC5N Datasheet
497Kb / 4P
EPITAXIAL PLANAR NPNPNP Dual Digital Transistor
logo
DONGGUAN YOU FENG WEI E...
MMDTXA4415DW YFWDIODE-MMDTXA4415DW Datasheet
608Kb / 4P
NPN/PNP Silicon Epitaxial Planar Dual Transistor
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com