Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBT3906W Datasheet (PDF) - Formosa MS

FMBT3906W Datasheet PDF - Formosa MS
Part # FMBT3906W
Download  FMBT3906W Download
File Size   135.46 Kbytes
Page   10 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description SMD PNP Transistor

FMBT3906W Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBT3906W Datasheet PDF - Formosa MS

Part # FMBT3906W
Download  FMBT3906W Click to download

File Size   135.46 Kbytes
Page   10 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description SMD PNP Transistor

FMBT3906W Datasheet (HTML) - Formosa MS


FMBT3906W Product details

200mA Silicon PNP Epitaxial Planar Transistor

Features
• High collector-emitterbreakdien voltage. (BVCEO = -40V@IC=-1.0mA)
• Small load switch transistor with high gain and low stauration voltage, is designed for general purpose amflifier and switching applications at collector current.
• Capable of 150mW power dissipation.
• Lead-free parts for green partner, exceeds environmental standards of MIL-STD-19500 /228
• Suffix "-H" dinicates Halogen-free part, ex.FMBT3906W.




Similar Part No. - FMBT3906W

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT3906 FORMOSA-FMBT3906 Datasheet
36Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
First Components Intern...
FMBT3906 FCI-FMBT3906 Datasheet
61Kb / 2P
PNP General Purpose Transistor Collector - Emitter Voltage VCEO -40
logo
Formosa MS
FMBT3906DW1 FORMOSA-FMBT3906DW1 Datasheet
141Kb / 10P
Dual PNP Epitaxial Planar Transistor
FMBT3906 FORMOSA-FMBT3906_11 Datasheet
729Kb / 10P
200mA Silicon PNP Epitaxial Planar Transistor
FMBT3906 FORMOSA-FMBT3906_17 Datasheet
435Kb / 10P
SMD PNP Transistor
More results


Similar Description - FMBT3906W

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
BC856A TAITRON-BC856A Datasheet
165Kb / 3P
SMD General Purpose Transistor (PNP)
MMBT2907A TAITRON-MMBT2907A Datasheet
157Kb / 3P
SMD General Purpose Transistor (PNP)
MMBT3906 TAITRON-MMBT3906 Datasheet
234Kb / 4P
SMD General Purpose Transistor (PNP)
MMBTA55 TAITRON-MMBTA55 Datasheet
202Kb / 3P
SMD General Purpose Transistor (PNP)
MMBTA92 TAITRON-MMBTA92 Datasheet
162Kb / 3P
SMD High Voltage Transistor (PNP)
logo
Formosa MS
FMBT2907AW FORMOSA-FMBT2907AW Datasheet
71Kb / 9P
PNP SMD Transistor
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
Dual NPN PNP SMD Transistor
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
logo
Formosa MS
FMBT3906 FORMOSA-FMBT3906_17 Datasheet
435Kb / 10P
SMD PNP Transistor
FMBT4403 FORMOSA-FMBT4403_17 Datasheet
232Kb / 10P
SMD PNP Transistor
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com