Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4719 Datasheet (PDF) - Maxim Integrated Products

MAX4719 Datasheet PDF - Maxim Integrated Products
Part # MAX4719
Download  MAX4719 Download
File Size   282.01 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 300MHz Bandwidth, Dual SPDT Analog Switch in UCSP

MAX4719 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4719 Datasheet PDF - Maxim Integrated Products

Part # MAX4719
Download  MAX4719 Click to download

File Size   282.01 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 300MHz Bandwidth, Dual SPDT Analog Switch in UCSP

MAX4719 Datasheet (HTML) - Maxim Integrated Products


MAX4719 Product details

General Description
The MAX4719 low-voltage, low on-resistance (RON), dual single-pole/double throw (SPDT) analog switch operates from a single +1.8V to +5.5V supply. The MAX4719 features 20Ω RON (max) with 1.2Ω flatness and 0.4Ω matching between channels. The switch offers break-before-make switching (1ns) with tON <80ns and tOFF <40ns at +2.7V. The digital logic inputs are +1.8V logic compatible with a +2.7V to +3.6V supply.

Features
♦ -3dB Bandwidth: >300MHz
♦ Low 15pF On-Channel Capacitance
♦ Single-Supply Operation from +1.8V to +5.5V
♦ 20Ω RON (max) Switch
    0.4Ω (max) RON Match (+3.0V Supply)
    1.2Ω (max) RON Flatness (+3.0V Supply)
♦ Rail-to-Rail® Signal Handling
♦ High Off-Isolation: -55dB (10MHz)
♦ Low Crosstalk: -80dB (10MHz)
♦ Low Distortion: 0.03%
♦ +1.8V CMOS-Logic Compatible
♦ <0.5nA Leakage Current at +25°C

Applications
    Cell Phones
    Battery-Operated Equipment
    Audio/Video-Signal Routing
    Low-Voltage Data-Acquisition Systems
    Sample-and-Hold Circuits
    PDAs




Similar Part No. - MAX4719

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711-MAX4713 MAXIM-MAX4711-MAX4713 Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711CPE MAXIM-MAX4711CPE Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results


Similar Description - MAX4719

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4717 MAXIM-MAX4717 Datasheet
349Kb / 15P
4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717 Datasheet
535Kb / 11P
4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717YD SGMICRO-SGM4717YD Datasheet
470Kb / 10P
4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4717 MAXIM-MAX4717_05 Datasheet
313Kb / 16P
4.5OHM/20OHM, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 2; 9/05
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
UM4258Q UNIONSEMI-UM4258Q Datasheet
309Kb / 14P
4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
UM4717 UNIONSEMI-UM4717_16 Datasheet
477Kb / 16P
4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com