Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL300 Datasheet (PDF) - List of Unclassifed Manufacturers

TIL300 Datasheet PDF - List of Unclassifed Manufacturers
Part # TIL300
Download  TIL300 Download
File Size   121.22 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description PRECISION LINEAR OPTOCOUPLER

TIL300 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIL300 Datasheet PDF - List of Unclassifed Manufacturers

Part # TIL300
Download  TIL300 Click to download

File Size   121.22 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description PRECISION LINEAR OPTOCOUPLER

TIL300 Datasheet (HTML) - List of Unclassifed Manufacturers


TIL300 Product details

[TAOS]



Description

The TIL300 precision linear optocoupler consists of an infrared LED irradiating an isolated feedback photodiode and an output photodiode in a bifurcated arrangement. The feedback photodiode captures a percentage of the flux of the LED that can be used to generate a control signal to regulate the LED drive current. This technique is used to compensate for the nonlinear time and temperature characteristics of the LED. The output-side photodiode then produces an output signal that is linearly proportional to the servo-optical flux emitted from the LED.



• ac or dc Signal Coupling

• Wide Bandwidth . . . >200 kHz

• High Transfer-Gain Stability . . . ±0.005%/°C

• 3500 V Peak Isolation

• Typical Applications

   – Power-Supply Feedback

   – Medical-Sensor Isolation

   – Opto Direct-Access Arrangement (DAA)

   – Isolated Process-Control Transducers



 




Similar Part No. - TIL300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL300 TI1-TIL300 Datasheet
102Kb / 6P
PRECISION LINEAR OPTOCOUPLER
TIL3009 TI-TIL3009 Datasheet
104Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
TIL300A TI1-TIL300A Datasheet
102Kb / 6P
PRECISION LINEAR OPTOCOUPLER
TIL300ADCS TI1-TIL300ADCS Datasheet
102Kb / 6P
PRECISION LINEAR OPTOCOUPLER
TIL300DCS TI1-TIL300DCS Datasheet
102Kb / 6P
PRECISION LINEAR OPTOCOUPLER
More results


Similar Description - TIL300

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL300 SIEMENS-IL300 Datasheet
134Kb / 8P
LINEAR OPTOCOUPLER
logo
Solid State Optronic
SLC800 SSOUSA-SLC800 Datasheet
185Kb / 4P
Linear Optocoupler
logo
Clare, Inc.
LOC117 CLARE-LOC117 Datasheet
296Kb / 5P
Linear Optocoupler
logo
IXYS Corporation
LOC111 IXYS-LOC111 Datasheet
123Kb / 6P
Linear Optocoupler
LOC112 IXYS-LOC112 Datasheet
123Kb / 6P
Linear Optocoupler
LOC117 IXYS-LOC117 Datasheet
123Kb / 6P
Linear Optocoupler
LOC111-G IXYS-LOC111-G Datasheet
123Kb / 6P
Linear Optocoupler
logo
Solid State Optronic
SLC810 SSOUSA-SLC810 Datasheet
219Kb / 7P
Linear Optocoupler
SLC1610 SSOUSA-SLC1610 Datasheet
194Kb / 7P
Linear Optocoupler
logo
Texas Instruments
TIL300 TI1-TIL300 Datasheet
102Kb / 6P
PRECISION LINEAR OPTOCOUPLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com