Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1006B Datasheet (PDF) - Cypress Semiconductor

CY7C1006B Datasheet PDF - Cypress Semiconductor
Part # CY7C1006B
Download  CY7C1006B Download
File Size   161.8 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K x 4 Static RAM

CY7C1006B Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1006B Datasheet PDF - Cypress Semiconductor

Part # CY7C1006B
Download  CY7C1006B Click to download

File Size   161.8 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K x 4 Static RAM

CY7C1006B Datasheet (HTML) - Cypress Semiconductor


CY7C1006B Product details

Functional Description
The CY7C106B and CY7C1006B are high-performance CMOS static RAMs organized as 262,144 words by 4 bits. Easy memory expansion is provided by an active LOW Chip Enable (CE), an active LOW Output Enable (OE), and three-state drivers. These devices have an automatic power-down feature that reduces power consumption by more than 65% when the devices are deselected.

Features
• High speed
   — tAA = 12 ns
• CMOS for optimum speed/power
• Low active power
   — 495 mW
• Low standby power
   — 275 mW
• 2.0V data retention (optional)
   — 100 µW
• Automatic power-down when deselected
• TTL-compatible inputs and outputs




Similar Part No. - CY7C1006B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1006BN CYPRESS-CY7C1006BN Datasheet
363Kb / 8P
256K x 4 Static RAM
CY7C1006BN CYPRESS-CY7C1006BN Datasheet
349Kb / 8P
256K x 4 Static RAM
CY7C1006BN-15VC CYPRESS-CY7C1006BN-15VC Datasheet
363Kb / 8P
256K x 4 Static RAM
CY7C1006BN-15VC CYPRESS-CY7C1006BN-15VC Datasheet
349Kb / 8P
256K x 4 Static RAM
More results


Similar Description - CY7C1006B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
256K x Static RAM
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
256K x 4 Static RAM
CY62147EV30 CYPRESS-CY62147EV30 Datasheet
619Kb / 12P
4-Mbit (256K x 16) Static RAM
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
256K x 4 Static RAM
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
256K (256K x 1) Static RAM
CY62146ESL CYPRESS-CY62146ESL_08 Datasheet
311Kb / 12P
4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
4-Mbit (256K x 16) Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
256K x 4 Static RAM
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18_10 Datasheet
505Kb / 16P
4-Mbit (256K x 16) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com