Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX55 Datasheet (PDF) - Diode Semiconductor Korea

BZX55 Datasheet PDF - Diode Semiconductor Korea
Part # BZX55
Download  BZX55 Download
File Size   683.54 Kbytes
Page   4 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description Silicon planar power zener diodes

BZX55 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX55 Datasheet PDF - Diode Semiconductor Korea

Part # BZX55
Download  BZX55 Click to download

File Size   683.54 Kbytes
Page   4 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description Silicon planar power zener diodes

BZX55 Datasheet (HTML) - Diode Semiconductor Korea


BZX55 Product details

POWER DISSIPATION: 500 mW

FEATURES
◇ Silicon planar power zener diodes
◇ The zener voltages are graded according to the
   international E 24 standard. Standard zener voltage
   tolerance is ±5%. Replace suffix"C" with "B" for ±2%,
   Replace suffix "C" with "A" for ± 1%.
   other voltage tolerance and other zener voltage are
   available upon request.




Similar Part No. - BZX55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX55 PHILIPS-BZX55 Datasheet
41Kb / 7P
Voltage regulator diodes
1996 Apr 26
logo
Semtech Corporation
BZX55 SEMTECH-BZX55 Datasheet
320Kb / 3P
SILICON PLANAR ZENER DIODES??????
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
BZX55 GOOD-ARK-BZX55 Datasheet
146Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55 VISHAY-BZX55 Datasheet
137Kb / 8P
Small Signal Zener Diodes
05-Jul-07
More results


Similar Description - BZX55

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4729 SURGE-1N4729 Datasheet
84Kb / 2P
SILICON PLANAR POWER ZENER DIODES
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
Silicon Planar Power Zener Diodes
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
Silicon Planar Power Zener Diodes
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
SILICON PLANAR POWER ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com