Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX55 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BZX55
Description  Silicon planar power zener diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BZX55 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BZX55 Datasheet HTML 1Page - Diode Semiconductor Korea BZX55 Datasheet HTML 2Page - Diode Semiconductor Korea BZX55 Datasheet HTML 3Page - Diode Semiconductor Korea BZX55 Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Test
Current
Test
Current
rzjT@IZT
f=1KHz
rzjK@IZK
f=1KHz
IZT
IR@
TA=25℃
IR@
TA=150℃
@VR
IZK
m A
V
mA
Min.
Max.
Min.
Max.
BZX55C2V4
2.28
2.56
85
600
5.0
-0.090
-0.060
50
100
1.0
1.0
BZX55C2V7
2.5
2.9
85
600
5.0
-0.090
-0.060
10
50
1.0
1.0
BZX55C3V0
2.8
3.2
85
600
5.0
-0.080
-0.050
4.0
40
1.0
1.0
BZX55C3V3
3.1
3.5
85
600
5.0
-0.080
-0.050
2.0
40
1.0
1.0
BZX55C3V6
3.4
3.8
85
600
5.0
-0.080
-0.050
2.0
40
1.0
1.0
BZX55C3V9
3.7
4.1
85
600
5.0
-0.080
-0.050
2.0
40
1.0
1.0
BZX55C4V3
4.0
4.6
75
600
5.0
-0.060
-0.030
1.0
20
1.0
1.0
BZX55C4V7
4.4
5.0
60
600
5.0
-0.050
0.020
0.5
10
1.0
1.0
BZX55C5V1
4.8
5.4
35
550
5.0
-0.020
0.020
0.1
2.0
1.0
1.0
BZX55C5V6
5.2
6.0
25
450
5.0
-0.050
0.050
0.1
2.0
1.0
1.0
BZX55C6V2
5.8
6.6
10
200
5.0
0.030
0.060
0.1
2.0
2.0
1.0
BZX55C6V8
6.4
7.2
8.0
150
5.0
0.030
0.070
0.1
2.0
3.0
1.0
BZX55C7V5
7.0
7.9
7.0
50
5.0
0.030
0.070
0.1
2.0
5.0
1.0
BZX55C8V2
7.7
8.7
7.0
50
5.0
0.030
0.080
0.1
2.0
6.2
1.0
BZX55C9V1
8.5
9.6
10
50
5.0
0.030
0.090
0.1
2.0
6.8
1.0
BZX55C10
9.4
10.6
15
70
5.0
0.030
0.1
0.1
2.0
7.5
1.0
BZX55C11
10.4
11.6
20
70
5.0
0.030
0.11
0.1
2.0
8.2
1.0
BZX55C12
11.4
12.7
20
90
5.0
0.030
0.11
0.1
2.0
9.1
1.0
BZX55C13
12.4
14.1
26
110
5.0
0.030
0.11
0.1
2.0
10
1.0
BZX55C15
13.8
15.6
30
110
5.0
0.030
0.11
0.1
2.0
11
1.0
BZX55C16
15.3
17.1
40
170
5.0
0.030
0.11
0.1
2.0
12
1.0
BZX55C18
16.8
19.1
50
170
5.0
0.030
0.11
0.1
2.0
13
1.0
BZX55C20
18.8
21.2
55
220
5.0
0.030
0.11
0.1
2.0
15
1.0
BZX55C22
20.8
23.3
55
220
5.0
0.040
0.12
0.1
2.0
16
1.0
BZX55C24
22.8
25.6
80
220
5.0
0.040
0.12
0.1
2.0
18
1.0
BZX55C27
25.1
28.9
80
220
5.0
0.040
0.12
0.1
2.0
20
1.0
BZX55C30
28
32
80
220
5.0
0.040
0.12
0.1
2.0
22
1.0
BZX55C33
31
35
80
220
5.0
0.040
0.12
0.1
2.0
24
1.0
BZX55C36
34
38
80
220
5.0
0.040
0.12
0.1
2.0
27
1.0
BZX55C39
37
41
90
500
2.5
0.040
0.12
0.1
5.0
30
0.5
BZX55C43
40
46
90
600
2.5
0.040
0.12
0.1
5.0
33
0.5
BZX55C47
44
50
110
700
2.5
0.040
0.12
0.1
5.0
36
0.5
BZX55C51
48
54
125
700
2.5
0.040
0.12
0.1
10
39
0.5
BZX55C56
52
60
135
1000
2.5
0.040
0.12
0.1
10
43
0.5
BZX55C62
58
66
150
1000
2.5
0.040
0.12
0.1
10
47
0.5
BZX55C68
64
72
200
1000
2.5
0.040
0.12
0.1
10
51
0.5
BZX55C75
70
79
250
1500
2.5
0.040
0.12
0.1
10
56
0.5
Dynamic
Resistance
Ω
Temperature
Coefficient
αVZ
%/K
ELECTRICAL CHARACTERISTICS (TA=25℃)
Type
Zener Voltage
Range
VZ@IZT
Reverse Leakage
Current
μA
V
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com