Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-60 Datasheet (PDF) - Cooper Bussmann, Inc.

SC-60 Datasheet PDF - Cooper Bussmann, Inc.
Part # SC-60
Download  SC-60 Download
File Size   401.1 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description SC Class G, 600Vac/480Vac, 1??-60A

SC-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC-60 Datasheet PDF - Cooper Bussmann, Inc.

Part # SC-60
Download  SC-60 Click to download

File Size   401.1 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description SC Class G, 600Vac/480Vac, 1??-60A

SC-60 Datasheet (HTML) - Cooper Bussmann, Inc.


SC-60 Product details

Time-Delay Fuses
Class G – 600 Volt, 1⁄2 - 20 Amps
                 480 Volt, 25 - 60 Amps

General Information:
• Compact branch-circuit units with high interrupting rating and current-limitation.
• With 600V rating, they can be used in 120/208, 120/240 and 277/480V circuits.
• Length variations relative to case size make the “rejection” type fuses.
• In general, SC fuses are about ⁄Ω£ the size of the 600V NEC fuse type.
• SC fuses with ampere ratings above 6A have a degree of overload time-delay which permits them to pass temporary overloads. At 200% load, they have a minimum opening time of 12 seconds.




Similar Part No. - SC-60

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
SC-60 EATON-SC-60 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
List of Unclassifed Man...
SC-601 ETC1-SC-601 Datasheet
259Kb / 8P
Speech And Music Processor
SC-601DIE ETC1-SC-601DIE Datasheet
259Kb / 8P
Speech And Music Processor
SC-601LQFP ETC1-SC-601LQFP Datasheet
259Kb / 8P
Speech And Music Processor
SC-604 ETC1-SC-604 Datasheet
283Kb / 13P
Speech And Music Processor
More results


Similar Description - SC-60

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
FRS-R-3 COOPER-FRS-R-3 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
SC-15 COOPER-SC-15 Datasheet
208Kb / 3P
SC - 600Vac/480Vac, 1.2-60A Size Rejecting Fuses
JKS-1 COOPER-JKS-1 Datasheet
224Kb / 3P
JKS ??600Vac, 1-60A, Fast-Acting Fuses
logo
List of Unclassifed Man...
LPJ-1SP ETC2-LPJ-1SP Datasheet
719Kb / 4P
LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
SC-1-2 EATON-SC-1-2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
Schneider Electric
QMB262TW SCHNEIDER-QMB262TW Datasheet
98Kb / 2P
60A-60A 6 Inch 2P 600VAC/250VDC Fusible Switch
QMJ362T SCHNEIDER-QMJ362T Datasheet
101Kb / 2P
60A-60A 6 Inch 3P 600VAC Fusible Switch
Apr 6, 2020
logo
Eaton All Rights Reserv...
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com