Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FNQ-R-1 Datasheet (PDF) - Cooper Bussmann, Inc.

FNQ-R-1 Datasheet PDF - Cooper Bussmann, Inc.
Part # FNQ-R-1
Download  FNQ-R-1 Download
File Size   749.01 Kbytes
Page   6 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses

FNQ-R-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
FNQ-R-1 Datasheet PDF - Cooper Bussmann, Inc.

Part # FNQ-R-1
Download  FNQ-R-1 Click to download

File Size   749.01 Kbytes
Page   6 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses

FNQ-R-1 Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - FNQ-R-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNQ-R-1 COOPER-FNQ-R-1 Datasheet
76Kb / 2P
CC-TRON Time-Delay Fuses
logo
Eaton All Rights Reserv...
FNQ-R-1 EATON-FNQ-R-1 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
FNQ-R-1-1/2 EATON-FNQ-R-1-1/2 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
FNQ-R-1-1/4 EATON-FNQ-R-1-1/4 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
FNQ-R-1-1/8 EATON-FNQ-R-1-1/8 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
More results


Similar Description - FNQ-R-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNA-3 COOPER-FNA-3 Datasheet
316Kb / 4P
FNQ-R ??600Vac, 1??-30A, Time-Delay Fuses
LP-CC-1 COOPER-LP-CC-1 Datasheet
222Kb / 3P
LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
FNQ-R-4 COOPER-FNQ-R-4 Datasheet
325Kb / 5P
FNQ-R . 600Vac, 1.4-30A, Time-Delay Fuses
LP-CC-1 COOPER-LP-CC-1_16 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
KLU-601 COOPER-KLU-601 Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
KTK-R-1 COOPER-KTK-R-1 Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
FNQ-R EATON-FNQ-R Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
KLU EATON-KLU Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
KTK-R EATON-KTK-R Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com