Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FNQ-R-1 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FNQ-R-1
Description  LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FNQ-R-1 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FNQ-R-1 Datasheet HTML 1Page - Cooper Bussmann, Inc. FNQ-R-1 Datasheet HTML 2Page - Cooper Bussmann, Inc. FNQ-R-1 Datasheet HTML 3Page - Cooper Bussmann, Inc. FNQ-R-1 Datasheet HTML 4Page - Cooper Bussmann, Inc. FNQ-R-1 Datasheet HTML 5Page - Cooper Bussmann, Inc. FNQ-R-1 Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 1014
Effective August 2015
Supersedes January 2014
BUSSMANN
SERIES
LIMITRON™ FNQ-R Class CC 600Vac,
1⁄4-30A, time-delay fuses
Catalog symbol:
• FNQ-R-(amp)
Description:
Advanced protection Class CC current-limiting,
time-delay fuses.
Specifications:
Ratings
• Volts
• 600Vac
• 300Vdc (15 & 20A)
• Amps 1⁄4-30A
• IR
• 200kA Vac RMS Sym.
• 20kA Vdc (15 & 20A)
Agency information
• UL® Listed, Std. 248-4, Class CC, Guide JDDZ,
File E4273
• CSA® Certified, Class CC CSA, Class 1422-01,
File 53787–HRC-MISC
• CE
• RoHS compliant*
* FNQ-R-1⁄4 not RoHS complaint.
Catalog numbers (amps)
FNQ-R-1⁄4
FNQ-R-1-3⁄10 FNQ-R-3-2⁄10 FNQ-R-8
FNQ-R-3⁄10
FNQ-R-1-4⁄10 FNQ-R-3-1⁄2
FNQ-R-9
FNQ-R-4⁄10
FNQ-R-1-1⁄2
FNQ-R-4
FNQ-R-10
FNQ-R-1⁄2
FNQ-R-1-6⁄10 FNQ-R-4-1⁄2
FNQ-R-12
FNQ-R-6⁄10
FNQ-R-1-8⁄10 FNQ-R-5
FNQ-R-15
FNQ-R-3⁄4
FNQ-R-2
FNQ-R-5-6⁄10 FNQ-R-17-1⁄2
FNQ-R-8⁄10
FNQ-R-2-1⁄4
FNQ-R-6
FNQ-R-20
FNQ-R-1
FNQ-R-2-1⁄2
FNQ-R-6-1⁄4
FNQ-R-25
FNQ-R-1-1⁄8
FNQ-R-2-8⁄10 FNQ-R-7
FNQ-R-30
FNQ-R-1-1⁄4
FNQ-R-3
FNQ-R-7-1⁄2
Carton quantity:
Amp rating
Carton qty.
1⁄4-30
10
Dimensions - in:
Features:
• Provides 10X better current limitation to help
prevent equipment damage caused by short-
circuit events.
• 200kA interrupting rating complies with
NEC® Section 110.9 for today’s large capacity
systems.
• Fast-acting fuse helps prevent equipment
damage caused by short-circuit events.
• Rejection type fuse fits both standard and
rejection-style holders.
• The Class CC FNQ-R Limitron fuse meets the
needs of control circuit transformer protection.
• FNQ-R fuses can be sized according to NEC®
and UL requirements and still allow the high
inrush currents, with significantly more time-
delay than the UL minimum value of 12
seconds at 200% for Class CC fuses.
• Ideal for critical industrial or commercial
applications that have specific current limitation
requirements.
1.5" (± 0.031)
(38.1mm)
0.41" (± 0.005)
(10.3mm)


Similar Part No. - FNQ-R-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNQ-R-1 COOPER-FNQ-R-1 Datasheet
76Kb / 2P
CC-TRON Time-Delay Fuses
logo
Eaton All Rights Reserv...
FNQ-R-1 EATON-FNQ-R-1 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
FNQ-R-1-1/2 EATON-FNQ-R-1-1/2 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
FNQ-R-1-1/4 EATON-FNQ-R-1-1/4 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
FNQ-R-1-1/8 EATON-FNQ-R-1-1/8 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
More results

Similar Description - FNQ-R-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNA-3 COOPER-FNA-3 Datasheet
316Kb / 4P
FNQ-R ??600Vac, 1??-30A, Time-Delay Fuses
LP-CC-1 COOPER-LP-CC-1 Datasheet
222Kb / 3P
LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
FNQ-R-4 COOPER-FNQ-R-4 Datasheet
325Kb / 5P
FNQ-R . 600Vac, 1.4-30A, Time-Delay Fuses
LP-CC-1 COOPER-LP-CC-1_16 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
KLU-601 COOPER-KLU-601 Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
KTK-R-1 COOPER-KTK-R-1 Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
FNQ-R EATON-FNQ-R Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
KLU EATON-KLU Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
KTK-R EATON-KTK-R Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com