Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPDV412XR Datasheet (PDF) - Finisar Corporation.

XPDV412XR Datasheet PDF - Finisar Corporation.
Part # XPDV412XR
Download  XPDV412XR Download
File Size   215.27 Kbytes
Page   5 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description Ultra-Fast 100 GHz Photodetector

XPDV412XR Datasheet (PDF)

Go To PDF Page Download Datasheet
XPDV412XR Datasheet PDF - Finisar Corporation.

Part # XPDV412XR
Download  XPDV412XR Click to download

File Size   215.27 Kbytes
Page   5 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description Ultra-Fast 100 GHz Photodetector

XPDV412XR Datasheet (HTML) - Finisar Corporation.




Similar Part No. - XPDV412XR

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
XPDV412XR COHERENT-XPDV412XR Datasheet
237Kb / 2P
100 GHz HIGH SPEED PHOTODETECTOR
More results


Similar Description - XPDV412XR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2586 SONY-CXA2586 Datasheet
41Kb / 2P
Ultrahigh-Speed (100 MHz) Photodetector IC
logo
Microsemi Corporation
UF10060 MICROSEMI-UF10060 Datasheet
136Kb / 2P
100 amp ultra fast rectifiers
logo
Hamamatsu Corporation
R12290U HAMAMATSU-R12290U_15 Datasheet
159Kb / 4P
ULTRA-FAST PHOTODETECTOR BIPLANAR PHOTOTUBES
logo
Finisar Corporation.
BPDV21X0R FINISAR-BPDV21X0R Datasheet
678Kb / 6P
43 GHz Balanced Photodetector
BPDV3120R FINISAR-BPDV3120R Datasheet
672Kb / 6P
70 GHz Balanced Photodetector
HPDV2120R FINISAR-HPDV2120R Datasheet
274Kb / 4P
50 GHz High-Power Photodetector
MPDV1120RA FINISAR-MPDV1120RA Datasheet
182Kb / 4P
35 GHz SMD Photodetector
XPDV21X0RA FINISAR-XPDV21X0RA Datasheet
638Kb / 5P
50 GHz Photodetector
XPDV2320R FINISAR-XPDV2320R Datasheet
635Kb / 5P
50 GHz dual-window Photodetector
XPDV3120R FINISAR-XPDV3120R Datasheet
569Kb / 5P
70 GHz Photodetector
More results




About Finisar Corporation.


Finisar Corporation is a company that designs, develops, manufactures, and markets optical communication products. It was founded in 1988 and is headquartered in Sunnyvale, California, United States.

The company's products include optical transceivers, active optical cables, optical engines, optical components, wavelength selective switches, and network performance test and monitoring systems. Finisar's products are used in a wide range of applications, including data communication and telecommunication networks, storage area networks, and high-performance computing.

In December 2018, Finisar was acquired by II-VI Incorporated, a global leader in engineered materials and optoelectronic components.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com