Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPDV2320R Datasheet (PDF) - Finisar Corporation.

XPDV2320R Datasheet PDF - Finisar Corporation.
Part # XPDV2320R
Download  XPDV2320R Download
File Size   635.72 Kbytes
Page   5 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description 50 GHz dual-window Photodetector

XPDV2320R Datasheet (PDF)

Go To PDF Page Download Datasheet
XPDV2320R Datasheet PDF - Finisar Corporation.

Part # XPDV2320R
Download  XPDV2320R Click to download

File Size   635.72 Kbytes
Page   5 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description 50 GHz dual-window Photodetector

XPDV2320R Datasheet (HTML) - Finisar Corporation.




Similar Part No. - XPDV2320R

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
XPDV2320RA-VF-FA COHERENT-XPDV2320RA-VF-FA Datasheet
250Kb / 2P
50 GHz HIGH SPEED PHOTODETECTOR
XPDV2320RA-VF-FP COHERENT-XPDV2320RA-VF-FP Datasheet
250Kb / 2P
50 GHz HIGH SPEED PHOTODETECTOR
XPDV2320RA-VM-FA COHERENT-XPDV2320RA-VM-FA Datasheet
250Kb / 2P
50 GHz HIGH SPEED PHOTODETECTOR
XPDV2320RA-VM-FP COHERENT-XPDV2320RA-VM-FP Datasheet
250Kb / 2P
50 GHz HIGH SPEED PHOTODETECTOR
More results


Similar Description - XPDV2320R

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
PICOSECOND PHOTODETECTOR
logo
Finisar Corporation.
BPDV21X0R FINISAR-BPDV21X0R Datasheet
678Kb / 6P
43 GHz Balanced Photodetector
BPDV3120R FINISAR-BPDV3120R Datasheet
672Kb / 6P
70 GHz Balanced Photodetector
HPDV2120R FINISAR-HPDV2120R Datasheet
274Kb / 4P
50 GHz High-Power Photodetector
MPDV1120RA FINISAR-MPDV1120RA Datasheet
182Kb / 4P
35 GHz SMD Photodetector
XPDV21X0RA FINISAR-XPDV21X0RA Datasheet
638Kb / 5P
50 GHz Photodetector
XPDV412XR FINISAR-XPDV412XR Datasheet
215Kb / 5P
Ultra-Fast 100 GHz Photodetector
XPDV3120R FINISAR-XPDV3120R Datasheet
569Kb / 5P
70 GHz Photodetector
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
InGaAs Photodetector
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
InGaAs Photodetector
More results




About Finisar Corporation.


Finisar Corporation is a company that designs, develops, manufactures, and markets optical communication products. It was founded in 1988 and is headquartered in Sunnyvale, California, United States.

The company's products include optical transceivers, active optical cables, optical engines, optical components, wavelength selective switches, and network performance test and monitoring systems. Finisar's products are used in a wide range of applications, including data communication and telecommunication networks, storage area networks, and high-performance computing.

In December 2018, Finisar was acquired by II-VI Incorporated, a global leader in engineered materials and optoelectronic components.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com