Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B120 Datasheet (PDF) - Diode Semiconductor Korea

B120 Datasheet PDF - Diode Semiconductor Korea
Part # B120
Download  B120 Download
File Size   86.72 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIER

B120 Datasheet (PDF)

Go To PDF Page Download Datasheet
B120 Datasheet PDF - Diode Semiconductor Korea

Part # B120
Download  B120 Click to download

File Size   86.72 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIER

B120 Datasheet (HTML) - Diode Semiconductor Korea


B120 Product details

REVERSE VOLTAGE: 20 --- 60 V CURRENT: 1.0 A

FEATURES
◇ Built-in strain relief
◇ Low power loss,high effciency
◇ Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
◇ High temperature soldering guaranteed:250°C/10
   seconds at terminals
◇ Guardring for overvoltage protection
◇ Low profile package
◇ For surface mounted applications
◇ Metal silicon junction, majority carrier conduction
◇ High surge capability
◇ For use in low voltage high frequency inverters,free
   wheeling and polarity protection applications




Similar Part No. - B120

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120 DIODES-B120 Datasheet
57Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Fuji Electric
B120 FUJI-B120 Datasheet
648Kb / 1P
1 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B120 WEITRON-B120 Datasheet
213Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B120 DIODES-B120 Datasheet
486Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Galaxy Semi-Conductor H...
B120 BILIN-B120 Datasheet
70Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - B120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com