Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBLB1630CT Datasheet (PDF) - Diode Semiconductor Korea

SBLB1630CT Datasheet PDF - Diode Semiconductor Korea
Part # SBLB1630CT
Download  SBLB1630CT Download
File Size   263.3 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIER

SBLB1630CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SBLB1630CT Datasheet PDF - Diode Semiconductor Korea

Part # SBLB1630CT
Download  SBLB1630CT Click to download

File Size   263.3 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIER

SBLB1630CT Datasheet (HTML) - Diode Semiconductor Korea


SBLB1630CT Product details

VOLTAGE RANGE: 30 --- 100 V CURRENT: 16 A

FEATURES
◇ Metal-Semiconductor junction with guard ring
◇ Epitaxial construction
◇ Low forward voltage drop,low switching losses
◇ High surge capability
◇ For use in low voltage,high frequencyinverters free wheeling,and polarityprotection applications
◇ The plastic material carries U/L recognition 94V-0




Similar Part No. - SBLB1630CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SBLB1630CT GE-SBLB1630CT Datasheet
95Kb / 2P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBLB1630CT VISHAY-SBLB1630CT Datasheet
44Kb / 3P
Dual Schottky Barrier Rectifier
11-Feb-02
logo
GOOD-ARK Electronics
SBLB1630CT GOOD-ARK-SBLB1630CT Datasheet
243Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Thinki Semiconductor Co...
SBLB1630CT THINKISEMI-SBLB1630CT Datasheet
345Kb / 2P
16.0 Ampere Surface Mount Common Cathode Schottky Barrier Rectifier Diodes
logo
Vishay Siliconix
SBLB1630CT-E3 VISHAY-SBLB1630CT-E3 Datasheet
144Kb / 6P
Dual Common Cathode Schottky Rectifier
12-Jun-13
More results


Similar Description - SBLB1630CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com