Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYG20D Datasheet (PDF) - Diode Semiconductor Korea

BYG20D Datasheet PDF - Diode Semiconductor Korea
Part # BYG20D
Download  BYG20D Download
File Size   83.04 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description ULTRA FAST RECTIFIER DIODES

BYG20D Datasheet (PDF)

Go To PDF Page Download Datasheet
BYG20D Datasheet PDF - Diode Semiconductor Korea

Part # BYG20D
Download  BYG20D Click to download

File Size   83.04 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description ULTRA FAST RECTIFIER DIODES

BYG20D Datasheet (HTML) - Diode Semiconductor Korea


BYG20D Product details

VOLTAGE RANGE: 200 -- 600V CURRENT: 1.5 A

FEATURES
◇ For surface mounted applications
◇ Glass passivated junction
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Alcohol,Isopropnol and similar solvents
◇ The plastic material carries U/L recognition 94V-0




Similar Part No. - BYG20D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG20D VISHAY-BYG20D Datasheet
59Kb / 5P
Fast Silicon Mesa SMD Rectifier
24-Jun-98
BYG20D VISHAY-BYG20D Datasheet
108Kb / 5P
Ultrafast Avalanche SMD Rectifier
27-Aug-07
logo
EIC discrete Semiconduc...
BYG20D EIC-BYG20D Datasheet
151Kb / 2P
ULTRAFAST AVALANCHE RECTIFIERS
logo
Shenzhen Luguang Electr...
BYG20D LUGUANG-BYG20D Datasheet
170Kb / 2P
Ultra Fast SMD Rectifiers
logo
Shenzhen Taychipst Elec...
BYG20D TAYCHIPST-BYG20D Datasheet
3Mb / 2P
Fast Silicon Mesa SMD Rectifier
More results


Similar Description - BYG20D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
11DF1 EIC-11DF1 Datasheet
38Kb / 2P
ULTRA FAST RECTIFIER DIODES
11DF3 EIC-11DF3 Datasheet
93Kb / 2P
ULTRA FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
MUR805 SUNMATE-MUR805 Datasheet
332Kb / 2P
ULTRA FAST RECTIFIER DIODES
RGL41A SUNMATE-RGL41A Datasheet
426Kb / 2P
ULTRA FAST RECTIFIER DIODES
UF3001 SUNMATE-UF3001 Datasheet
274Kb / 2P
ULTRA FAST RECTIFIER DIODES
UF5001 SUNMATE-UF5001 Datasheet
292Kb / 2P
ULTRA FAST RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com