Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2ZZ Datasheet (PDF) - Diode Semiconductor Korea

RN2ZZ Datasheet PDF - Diode Semiconductor Korea
Part # RN2ZZ
Download  RN2ZZ Download
File Size   259.96 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description HIGH EFFICIENCY RECTIFIER DIODES

RN2ZZ Datasheet (PDF)

Go To PDF Page Download Datasheet
RN2ZZ Datasheet PDF - Diode Semiconductor Korea

Part # RN2ZZ
Download  RN2ZZ Click to download

File Size   259.96 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description HIGH EFFICIENCY RECTIFIER DIODES

RN2ZZ Datasheet (HTML) - Diode Semiconductor Korea


RN2ZZ Product details

VOLTAGE RANGE: 200 V
CURRENT: 2.0 A

FEATURES
◇ Low cost
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with alcohol,Isopropanol
   and similar solvents
◇ The plastic material carries U/L recognition 94V-0

MECHANICAL DATA
◇ Case:JEDEC DO--15,molded plastic
◇ Terminals: Axial lead ,solderable per
    MIL- STD-202,Method 208
◇ Polarity: Color band denotes cathode
◇ Weight: 0.014 ounces,0.39 grams
◇ Mounting position: Any




Similar Part No. - RN2ZZ

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
RN2ZZ BILIN-RN2ZZ Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Similar Description - RN2ZZ

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
EU02Z SUNMATE-EU02Z Datasheet
299Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
RG10Y SUNMATE-RG10Y Datasheet
299Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER601 SUNMATE-HER601 Datasheet
323Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER601S SUNMATE-HER601S Datasheet
287Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER101 SUNMATE-HER101 Datasheet
285Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER201 SUNMATE-HER201 Datasheet
362Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER301 SUNMATE-HER301 Datasheet
289Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER501 SUNMATE-HER501 Datasheet
305Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
RU4M SUNMATE-RU4M Datasheet
336Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
RU4D SUNMATE-RU4D Datasheet
445Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com