Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3428A Datasheet (PDF) - Diodes Incorporated

AP3428A Datasheet PDF - Diodes Incorporated
Part # AP3428A
Download  AP3428A Download
File Size   1019.4 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER

AP3428A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3428A Datasheet PDF - Diodes Incorporated

Part # AP3428A
Download  AP3428A Click to download

File Size   1019.4 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER

AP3428A Datasheet (HTML) - Diodes Incorporated




Similar Part No. - AP3428A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3428A DIODES-AP3428A Datasheet
1Mb / 14P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
AP3428ADN7-G1 DIODES-AP3428ADN7-G1 Datasheet
1Mb / 14P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
AP3428ADNTR-G1 DIODES-AP3428ADNTR-G1 Datasheet
1Mb / 14P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
AP3428AKT7-G1 DIODES-AP3428AKT7-G1 Datasheet
1Mb / 14P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
AP3428AKTTR-G1 DIODES-AP3428AKTTR-G1 Datasheet
1Mb / 14P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
More results


Similar Description - AP3428A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9705 BCDSEMI-AUR9705 Datasheet
580Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
Rev 2
logo
E-CMOS Corporation
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
1A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Rev 1
logo
AiT Semiconductor Inc.
A7131 AITSEMI-A7131 Datasheet
672Kb / 12P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 3.0A 1.5MHz SYNCHRONOUS BUCK CONVERTER
REV2.0
logo
Diodes Incorporated
AP3428 DIODES-AP3428_V01 Datasheet
1Mb / 14P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com