Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39W Datasheet (PDF) - Bi technologies

39W Datasheet PDF - Bi technologies
Part # 39W
Download  39W Download
File Size   84.17 Kbytes
Page   4 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description 15 mm Single-Turn Trimmer

39W Datasheet (PDF)

Go To PDF Page Download Datasheet
39W Datasheet PDF - Bi technologies

Part # 39W
Download  39W Click to download

File Size   84.17 Kbytes
Page   4 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description 15 mm Single-Turn Trimmer

39W Datasheet (HTML) - Bi technologies




Similar Part No. - 39W

ManufacturerPart #DatasheetDescription
logo
Bi technologies
39WLABR100KLF10 BITECH-39WLABR100KLF10 Datasheet
283Kb / 4P
15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
39WLABR100KLF20 BITECH-39WLABR100KLF20 Datasheet
283Kb / 4P
15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
39WLABR100KLF30 BITECH-39WLABR100KLF30 Datasheet
283Kb / 4P
15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
More results


Similar Description - 39W

ManufacturerPart #DatasheetDescription
logo
Bi technologies
39WLABR100KLF30 BITECH-39WLABR100KLF30 Datasheet
283Kb / 4P
15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
logo
TT Electronics.
MODEL22 TTELEC-MODEL22 Datasheet
645Kb / 3P
SINGLE TURN TRIMMER
MODEL23 TTELEC-MODEL23 Datasheet
782Kb / 3P
SINGLE TURN TRIMMER
MODEL25 TTELEC-MODEL25 Datasheet
754Kb / 4P
SINGLE TURN TRIMMER
MODEL72 TTELEC-MODEL72 Datasheet
989Kb / 5P
SINGLE TURN TRIMMER
MODEL82 TTELEC-MODEL82 Datasheet
816Kb / 4P
SINGLE TURN TRIMMER
MODEL93 TTELEC-MODEL93 Datasheet
613Kb / 3P
SINGLE TURN TRIMMER
logo
Vishay Siliconix
T53 VISHAY-T53 Datasheet
102Kb / 5P
5 mm Through Hole Trimmer Single-Turn Cermet
12-Jan-17
T53 VISHAY-T53_V01 Datasheet
84Kb / 5P
5 mm Through Hole Trimmer Single-Turn Cermet
12-Jan-17
T11 VISHAY-T11_V01 Datasheet
80Kb / 4P
12.5 mm Square Modular Single-Turn Cermet Trimmer
03-Apr-17
More results




About Bi technologies


BI Technologies, now known as TT Electronics, is a company that specializes in the design and manufacture of a wide range of electronic components and systems. The company was founded in 1965 and is based in the United Kingdom, with operations around the world.

BI Technologies offers a broad range of products, including resistors, capacitors, magnetics, and sensors, which are used in a variety of industries, including aerospace, defense, medical, and industrial markets. The company's products are known for their quality, reliability, and performance, and are used in a range of applications, including power management, control systems, and signal conditioning.

In addition to its product offerings, BI Technologies also provides design and manufacturing services, including custom product design, prototyping, and testing. The company has a strong focus on research and development, and is committed to providing innovative solutions that meet the evolving needs of its customers.

In 2017, BI Technologies was acquired by TT Electronics, a global provider of engineered electronics for performance-critical applications. Today, BI Technologies continues to operate as a division of TT Electronics, providing a wide range of high-quality electronic components and systems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com