Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9256 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC9256 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC9256
Download  SC9256 Download
File Size   223.55 Kbytes
Page   24 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description PLL FOR DTS

SC9256 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC9256 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC9256
Download  SC9256 Click to download

File Size   223.55 Kbytes
Page   24 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description PLL FOR DTS

SC9256 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC9256 Product details

DESCRIPTION

The SC9256 is phase-locked loop (PLL) LSIs for digital tuning systems (DTS) with built in 2 modulus prescalers.

All functions ate controlled through 3 serial bus lines. These LSIs are used to configure high-performance digital tuning system.



FEATURES

* Optimal for configuring digital tuning systems in high-fi tuners and car stereos.

* built-in prescalers. Operate at input frequency ranging from 30~150 MHz during FMIN input (with 2 modulus prescaler) and at 0.5~40MHz during AMIN input (with 2 modulus prescaler or direct dividing).

* 16 bit programmable counter, dual parallel output phase comparator, crystal oscillator and reference counter.

* 3.6MHz, 4.5MHz, 7.2MHz or 10.8MHz crystal oscillators can be used.

* 15 possible reference frequencies. ( When using 4.5MHz crystal)

* Built-in 20 bit general-purpose counter for such uses as measuring intermediate frequencies (IFIN1 and IFIN2)

* High-precision (±0.55~±7.15µs) PLL phase error detection.

* Numerous general-purpose I/O pins for such uses as peripheral circuit control.

* 3 N-channel open-drain output ports (OFF withstanding voltage:12V) for such uses as control signal output.

* Standby mode function (turns off FM, AM and IF amps) to save current consumption.

* All functions controlled through 3 serial bus lines.

* CMOS structure with operating power supply range of VDD=5.0±0.5V.



 




Similar Part No. - SC9256

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9257 SILAN-SC9257 Datasheet
1,019Kb / 28P
PLL FOR DTS
SC9257S SILAN-SC9257S Datasheet
1,019Kb / 28P
PLL FOR DTS
More results


Similar Description - SC9256

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN Datasheet
763Kb / 18P
PLL FOR DTS
TB2118F TOSHIBA-TB2118F Datasheet
818Kb / 19P
HIGH SPEED PLL FOR DTS
TC9216P TOSHIBA-TC9216P Datasheet
940Kb / 22P
HIGH SPEED PLL FOR DTS
TC9256P TOSHIBA-TC9256P Datasheet
1Mb / 33P
PLL FOR DTS
logo
Silan Microelectronics ...
SC9257 SILAN-SC9257 Datasheet
1,019Kb / 28P
PLL FOR DTS
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
PLL For DTS
TB2118F TOSHIBA-TB2118F_02 Datasheet
315Kb / 20P
High Speed PLL For DTS
TB2118FG TOSHIBA-TB2118FG Datasheet
345Kb / 20P
High Speed PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
PLL for DTS
logo
Silan Microelectronics ...
SC72131 SILAN-SC72131 Datasheet
215Kb / 10P
PLL FOR DIGITAL TUNING SYSTEM(DTS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com