Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9256 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC9256
Description  PLL FOR DTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9256 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC9256 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Silan
Semiconductors
SC9256
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2002.01.30.
2
BLOCK DIAGRAM
1/2
2 MODULUS
PERSCALER
4bit SWALLOW
COUNTER
12bit PROGRAMMABLE COUNTER
OSC
CIRCUIT
REFERENCE COUNTER
MAX
24bit SHIFT REGISTER
24bit REGISTER
ADDRESS
DECODER
24bit REGISTER
OUTPUT PORT
20bit BINARY COUNTER
UNIVERSAL COUNTER
CONTROL
POWER ON
RESET
RESET
TRI-STATE
BUFFER
TRI-STATE
BUFFER
UNLOCK
OT4
XT
1ms
AMP
AMP
AMP
FML
PSC
VDD
GND
HF
FMH
4
12
FM
LF
MODE
15
4
1ms OSC
8
TEST
24
22
5
5
10
4
4
DO1
DO2/OT-4
I/O-6/IFIN2
I/O-5/IFIN1
OT-1 OT-2 OT-3
FMIN
AMIN
XT
XT
DATA
CLOCK
PERIOD
GATE
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
-0.3~6.0
V
Input Voltage
VIN
-0.3~VDD+0.3
V
N-ch Open-Drain Off withstanding Voltage
VOFF
13
V
Power Dissipation
PD
300(200)
mW
Operating Temperature
TOPR
-40~85
°C
Storage Temperature
TSTG
-65~150
°C
( ): Flat package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com