Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9256 Datasheet(PDF) 13 Page - Silan Microelectronics Joint-stock

Part # SC9256
Description  PLL FOR DTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9256 Datasheet(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC9256 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 17Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Silan
Semiconductors
SC9256
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2002.01.30.
13
Address D1H
MSB
BUSY
OVER
"0"
"0"
General-purpose counter
option monitor bit
General-purpose counter
overflow detection bit
General-purpose counter
busy
Counted value in general-
purpose counter
‚220 -1
General-purpose counter
ended counting
Counted value in general-
purpose counter
ƒ220
(Overflow state)
BIT DATA = "1"
BIT DATA = "0"
Note: When using the general-purpose counter, before referring to the contents of the general-purpose counter
result bit (f0~f9), confirm that the busy bit is “0” (counting is ended) and the OVER bit is “0” (general-purpose
counter data are normal).
(6) START bit…When the data are set to “1”, the general-purpose counter is reset then counting begins.
LSB
MSB
Address D2H
start
0
1
Counting continues uninterrupted.
Counting begins after general - purpose counter is reset.
2.
General-purpose counter circuit configuration
The general-purpose counter section consists of input amps, a gate time control circuit and a 20 bit binary
counter.
OVER
Amp
IF
IN1
IF
IN2
20bit binary counter
Overflow detection
Gate time control circuit
Cycle measurement
pulse
Gate
SC
IN
(CMOS input)
SC IF1
IF2
START
G0
G1
BUSY
fXT
f0-f19
Fig.5
3. General-purpose counter measurement timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com