Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9256 Datasheet(PDF) 21 Page - Silan Microelectronics Joint-stock

Part # SC9256
Description  PLL FOR DTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9256 Datasheet(HTML) 21 Page - Silan Microelectronics Joint-stock

Back Button SC9256 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 19Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 20Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 21Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 22Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 23Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 24Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Silan
Semiconductors
SC9256
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2002.01.30.
21
Other Control Bits
1.
CLK and C5 bits…Control bits which switch the function for the OT-4/DO2 pin.
The O4C bit controls switching of the DO2 pin and OT-4 pin.
When bits R0~R3 of the input register (D0H) are set to “1” (standby mode).
LSB
MSB
Address D2H
O4C
XT
O4C
XT
00
1
0
10
11
DO2/OT-4 PIN STATE
DO2 output
OT-4 output
CRYSTAL OSCILLATOR
CIRCUIT STATE
Oscillator circuit on
Oscillator circuit off
Oscillator circuit off
Oscillator circuit on
When one of bit R0~R3 of the input register (D0H) is set to “0” (not standby mode)
LSB
MSB
Address D2H
O4C
XT
O4C
XT
00
1
0
10
11
DO2/OT-4 PIN STATE
DO2 output
OT-4 output
CRYSTAL OSCILLATOR
CIRCUIT STATE
Oscillator circuit on
2.
DOHZ bit…controls the DO2 pin output state.
LSB
MSB
Address D2H
DOHZ
0
1
phase comparison error output
DO2 output fixed at high impedance
3.
TEST bit… Data should normally be set to “0”.
LSB
MSB
Address D2H
TEST
"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com