Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC2309 Datasheet (PDF) - Analog Intergrations Corporation

AIC2309 Datasheet PDF - Analog Intergrations Corporation
Part # AIC2309
Download  AIC2309 Download
File Size   223.42 Kbytes
Page   10 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 1A Dual Synchronous Step-down DC/DC Converter

AIC2309 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC2309 Datasheet PDF - Analog Intergrations Corporation

Part # AIC2309
Download  AIC2309 Click to download

File Size   223.42 Kbytes
Page   10 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 1A Dual Synchronous Step-down DC/DC Converter

AIC2309 Datasheet (HTML) - Analog Intergrations Corporation




Similar Part No. - AIC2309

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2300 AIC-AIC2300 Datasheet
202Kb / 10P
400mA Synchronous PWM Step-Down
AIC2300-10GV5 AIC-AIC2300-10GV5 Datasheet
202Kb / 10P
400mA Synchronous PWM Step-Down
AIC2300-12GV5 AIC-AIC2300-12GV5 Datasheet
202Kb / 10P
400mA Synchronous PWM Step-Down
AIC2300-18GV5 AIC-AIC2300-18GV5 Datasheet
202Kb / 10P
400mA Synchronous PWM Step-Down
AIC2300-33GV5 AIC-AIC2300-33GV5 Datasheet
202Kb / 10P
400mA Synchronous PWM Step-Down
More results


Similar Description - AIC2309

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3561 LINER-LTC3561 Datasheet
232Kb / 16P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A Datasheet
295Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Texas Instruments
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
Dual Synchronous Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC2359 AIC-AIC2359 Datasheet
242Kb / 11P
1A Dual Synchronous Step-down DC/DC Converter
logo
E-CMOS Corporation
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
1A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Maxim Integrated Produc...
MAX20059 MAXIM-MAX20059 Datasheet
621Kb / 17P
72V, 1A, Automotive Synchronous Step-Down DC-DC Converter
Rev 2; 2/20
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com