Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U430 Datasheet (PDF) - Vishay Siliconix

U430 Datasheet PDF - Vishay Siliconix
Part # U430
Download  U430 Download
File Size   53.27 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Matched N-Channel Pairs

U430 Datasheet (PDF)

Go To PDF Page Download Datasheet
U430 Datasheet PDF - Vishay Siliconix

Part # U430
Download  U430 Click to download

File Size   53.27 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Matched N-Channel Pairs

U430 Datasheet (HTML) - Vishay Siliconix


U430 Product details

DESCRIPTION  

The U430/431 are matched JFET pairs assembled in a TO-78 package. These devices offer good power gain even at frequencies beyond 250 MHz.

The TO-78 package is available with full military processing (see Military Information).



FEATURES  

Two-Chip Design

High Slew Rate

Low Offset/Drift Voltage

Low Gate Leakage: 15 pA

Low Noise

High CMRR: 75 dB



BENEFITS

Tight Differential Match vs. Current

Improved Op Amp Speed, Settling Time Accuracy

Minimum Input Error/Trimming Requirement

Insignificant Signal Loss/Error Voltage

High System Sensitivity

Minimum Error with Large Input Signals



APPLICATIONS

Wideband Differential Amps

High-Speed, Temp-Compensated, Single-Ended Input Amps

High-Speed Comparators

Impedance Converters




Similar Part No. - U430

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
U430 INTERFET-U430 Datasheet
99Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
logo
Vishay Siliconix
U430 VISHAY-U430 Datasheet
65Kb / 7P
Matched N-Channel Pairs
04-Jun-01
logo
List of Unclassifed Man...
U4301 ETC2-U4301 Datasheet
192Kb / 6P
Prevent dust, sand and water from getting into switches
logo
Keysight Technologies
U4301B KEYSIGHT-U4301B Datasheet
2Mb / 19P
PCI Express 3.0 Analyzer Module
U4305B KEYSIGHT-U4305B Datasheet
1Mb / 20P
Protocol Exerciser for PCI Express짰 3.0
More results


Similar Description - U430

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5564 VISHAY-2N5564 Datasheet
48Kb / 5P
Matched N-Channel JFET Pairs
04-Jun-01
TCZT8020 VISHAY-TCZT8020_06 Datasheet
103Kb / 7P
Matched Pairs of Emitters and Detectors
04-Sep-06
TCZT8020 VISHAY-TCZT8020_11 Datasheet
246Kb / 11P
Matched Pairs of Emitters and Detectors
15-Mar-11
logo
New Jersey Semi-Conduct...
2N5518 NJSEMI-2N5518 Datasheet
160Kb / 2P
DIFFERENTIAL PAIRS N-CHANNEL SILICON
2N5564 NJSEMI-2N5564 Datasheet
268Kb / 2P
MATCHED N-CHANNEL JFET PAIRS
2N5911 NJSEMI-2N5911 Datasheet
146Kb / 1P
DIFFETENTIAL PAIRS N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
logo
Vishay Siliconix
2N5564-E3 VISHAY-2N5564-E3 Datasheet
94Kb / 6P
Matched N-Channel JFET Pairs
24-Jan-05
U440-E3 VISHAY-U440-E3 Datasheet
62Kb / 7P
Matched N-Channel JFET Pairs
04-Jun-01
U430 VISHAY-U430_V01 Datasheet
65Kb / 7P
Matched N-Channel Pairs
04-Jun-01
logo
ADL Embedded Solutions
ALD1101A ADL-ALD1101A Datasheet
66Kb / 7P
DUAL N-CHANNEL MATCHED MOSFET PAIR
2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com