Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U430 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # U430
Description  Matched N-Channel Pairs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U430 Datasheet(HTML) 1 Page - Vishay Siliconix

  U430 Datasheet HTML 1Page - Vishay Siliconix U430 Datasheet HTML 2Page - Vishay Siliconix U430 Datasheet HTML 3Page - Vishay Siliconix U430 Datasheet HTML 4Page - Vishay Siliconix U430 Datasheet HTML 5Page - Vishay Siliconix U430 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
U430/431
Vishay Siliconix
Document Number: 70249
S-04031—Rev. E, 04-Jun-01
www.vishay.com
8-1
Matched N-Channel Pairs
PRODUCT SUMMARY
Part Number
VGS(off) (V)
V(BR)GSS Min (V)
gfs Min (mS) IG Typ (pA) jVGS1 – VGS2j Typ (mV)
U430
–1 to –4
–25
10
–15
25
U431
–2 to –6
–25
10
–15
25
FEATURES
BENEFITS
APPLICATIONS
D Two-Chip Design
D High Slew Rate
D Low Offset/Drift Voltage
D Low Gate Leakage: 15 pA
D Low Noise
D High CMRR: 75 dB
D Tight Differential Match vs. Current
D Improved Op Amp Speed, Settling Time Accuracy
D Minimum Input Error/Trimming Requirement
D Insignificant Signal Loss/Error Voltage
D High System Sensitivity
D Minimum Error with Large Input Signals
D Wideband Differential Amps
D High-Speed, Temp-Compensated,
Single-Ended Input Amps
D High-Speed Comparators
D Impedance Converters
DESCRIPTION
The U430/431 are matched JFET pairs assembled in a TO-78
package.
These devices offer good power gain even at
frequencies beyond 250 MHz.
The TO-78 package is available with full military processing
(see Military Information).
For similar products, see the low-noise U/SST401 series, the
high-gain 2N5911/5912, and the low-leakage U421/423 data
sheets.
1
TO-78
Top View
D1
S1
2
3
7
6
5
G1
S2
G2
D2
4
Case
ABSOLUTE MAXIMUM RATINGS
Gate-Drain, Gate-Source Voltage
–25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate Current
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (1/16” from case for 10 sec.)
300
_C
. . . . . . . . . . . . . . . . . .
Storage Temperature
–65 to 200
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation :
Per Sidea
300 mW
. . . . . . . . . . . . . . . . . . . . . . . .
Totalb
500 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Derate 2.4 mW/
_C above 25_C
b.
Derate 4 mW/
_C above 25_C


Similar Part No. - U430

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
U430 INTERFET-U430 Datasheet
99Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
logo
Vishay Siliconix
U430 VISHAY-U430 Datasheet
65Kb / 7P
Matched N-Channel Pairs
04-Jun-01
logo
List of Unclassifed Man...
U4301 ETC2-U4301 Datasheet
192Kb / 6P
Prevent dust, sand and water from getting into switches
logo
Keysight Technologies
U4301B KEYSIGHT-U4301B Datasheet
2Mb / 19P
PCI Express 3.0 Analyzer Module
U4305B KEYSIGHT-U4305B Datasheet
1Mb / 20P
Protocol Exerciser for PCI Express짰 3.0
More results

Similar Description - U430

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5564 VISHAY-2N5564 Datasheet
48Kb / 5P
Matched N-Channel JFET Pairs
04-Jun-01
TCZT8020 VISHAY-TCZT8020_06 Datasheet
103Kb / 7P
Matched Pairs of Emitters and Detectors
04-Sep-06
TCZT8020 VISHAY-TCZT8020_11 Datasheet
246Kb / 11P
Matched Pairs of Emitters and Detectors
15-Mar-11
logo
New Jersey Semi-Conduct...
2N5518 NJSEMI-2N5518 Datasheet
160Kb / 2P
DIFFERENTIAL PAIRS N-CHANNEL SILICON
2N5564 NJSEMI-2N5564 Datasheet
268Kb / 2P
MATCHED N-CHANNEL JFET PAIRS
2N5911 NJSEMI-2N5911 Datasheet
146Kb / 1P
DIFFETENTIAL PAIRS N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
logo
Vishay Siliconix
2N5564-E3 VISHAY-2N5564-E3 Datasheet
94Kb / 6P
Matched N-Channel JFET Pairs
24-Jan-05
U440-E3 VISHAY-U440-E3 Datasheet
62Kb / 7P
Matched N-Channel JFET Pairs
04-Jun-01
U430 VISHAY-U430_V01 Datasheet
65Kb / 7P
Matched N-Channel Pairs
04-Jun-01
logo
ADL Embedded Solutions
ALD1101A ADL-ALD1101A Datasheet
66Kb / 7P
DUAL N-CHANNEL MATCHED MOSFET PAIR
2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com