Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9435 Datasheet (PDF) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

9435 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Part # 9435
Download  9435 Download
File Size   1212.95 Kbytes
Page   5 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description P-Channel Enhancement Mode Power MOSFET

9435 Datasheet (PDF)

Go To PDF Page Download Datasheet
9435 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # 9435
Download  9435 Click to download

File Size   1212.95 Kbytes
Page   5 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description P-Channel Enhancement Mode Power MOSFET

9435 Datasheet (HTML) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.


9435 Product details

DESCRIPTION
The 9435 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 4.5V. This device is suitable for use as a load switch or in PWM applications.

GENERAL FEATURES
● VDS = -30V,ID = -5.1A
   RDS(ON) < 105mΩ @ VGS=-4.5V
   RDS(ON) < 55mΩ @ VGS=-10V
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package

Application
● PWM applications
● Load switch
● Power management




Similar Part No. - 9435

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
9435 FUMAN-9435 Datasheet
299Kb / 2P
20V P-Channel Increased MOS FET
logo
VBsemi Electronics Co.,...
9435 VBSEMI-9435 Datasheet
972Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
9435 TUOFENG-9435 Datasheet
3Mb / 5P
SOP-8 Plastic-Encapsulate MOSFETS
v1.0
logo
Keystone Electronics Co...
9435 KEYSTONE-9435 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Sensata Technologies, I...
9435 SENSATA-9435 Datasheet
168Kb / 2P
KEYS FOR USE WITH FUNCTIONAL SAFETY ENCODER
Rev:06/09/20
More results


Similar Description - 9435

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com