Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9435 Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

9435 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # 9435
Download  9435 Download
File Size   3106.84 Kbytes
Page   5 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description SOP-8 Plastic-Encapsulate MOSFETS

9435 Datasheet (PDF)

Go To PDF Page Download Datasheet
9435 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # 9435
Download  9435 Click to download

File Size   3106.84 Kbytes
Page   5 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description SOP-8 Plastic-Encapsulate MOSFETS

9435 Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


9435 Product details

Description
The 9435 uses advanced trench technology to provide
excellent RDS , low gate charge and operation with gate
voltages as low as 4.5V.

General Features
VDS = -30V
RDS < 85mΩ @ VGS=-4.5V ID = -4.2A
RDS < 57mΩ @ VGS=-10V ID = -5.3A

High power and current handing capability
Lead free product is acquired
Surface mount package

Application
Battery Switch
Load switch
Power management




Similar Part No. - 9435

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
9435 HOTTECH-9435 Datasheet
1Mb / 5P
P-Channel Enhancement Mode Power MOSFET
logo
SHENZHEN FUMAN ELECTRON...
9435 FUMAN-9435 Datasheet
299Kb / 2P
20V P-Channel Increased MOS FET
logo
VBsemi Electronics Co.,...
9435 VBSEMI-9435 Datasheet
972Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Keystone Electronics Co...
9435 KEYSTONE-9435 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Sensata Technologies, I...
9435 SENSATA-9435 Datasheet
168Kb / 2P
KEYS FOR USE WITH FUNCTIONAL SAFETY ENCODER
Rev:06/09/20
More results


Similar Description - 9435

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
8820 HOTTECH-8820 Datasheet
1Mb / 4P
Plastic-Encapsulate Mosfets
logo
ZP Semiconductor
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
Plastic-Encapsulate MOSFETS
CJD04N60B ZPSEMI-CJD04N60B Datasheet
701Kb / 3P
Plastic-Encapsulate MOSFETS
CJP08N65 ZPSEMI-CJP08N65 Datasheet
526Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF04N65A ZPSEMI-CJPF04N65A Datasheet
513Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF07N60 ZPSEMI-CJPF07N60 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJPF10N65 ZPSEMI-CJPF10N65 Datasheet
969Kb / 3P
Plastic-Encapsulate MOSFETS
CJS8804 ZPSEMI-CJS8804 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJU01N65B ZPSEMI-CJU01N65B Datasheet
695Kb / 3P
Plastic-Encapsulate MOSFETS
logo
Shenzhen Tuofeng Semico...
4884 TUOFENG-4884 Datasheet
3Mb / 5P
SOP-8 Plastic-Encapsulate MOSFETS
Dec.2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com