Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9435 Datasheet(PDF) 4 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 9435
Description  SOP-8 Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

9435 Datasheet(HTML) 4 Page - Shenzhen Tuofeng Semiconductor Technology Co

  9435 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 9435 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 9435 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 9435 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 9435 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page
v1.0
4
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
0
5
10
15
20
25
30
0
200
400
600
800
1000
1200
0
5
10
15
20
25
0
2
4
6
8
10
-VDS - Drain-to-Source Voltage (V)
Capacitance
Gate Charge
QG - Gate Charge (nC)
-VDS=15V
-IDS=4.6A
Frequency=1MHz
Crss
Coss
Ciss
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
30
1E-4
1E-3
0.01
0.1
1
10
0.01
0.1
1
30
0.0 0.2 0.4 0.6
0.8 1.0
1.2 1.4 1.6 1.8
0.1
1
10
20
Single Pulse Power
Time (sec)
Square Wave Pulse Duration (sec)
Normalized Thermal Transient Impedence, Junction to Ambient
D= 0.02
Duty Cycle = 0.5
D= 0.2
D= 0.1
D= 0.05
SINGLE PULSE
Source-Drain Diode Forward Voltage
-V
SD-Source-to-Drain Voltage (V )
T
J=150°C
T
J=25°C
1.Duty Cycle, D=t1/t2
2.Per Unit Base=RthJA=50°C/W
3.TJM-TA=PDMZthJA
4.Surface Mounted
9435



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com