Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9435 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 9435
Description  SOP-8 Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

9435 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  9435 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 9435 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 9435 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 9435 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 9435 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page
v1.0
2
Parameter
Symbol
Condition
Min Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-30
-33
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
-
-
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-1
VGS=-10V, ID=-5.3A
-
51
57
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-4.2A
-
75
85
mΩ
Forward Transconductance
gFS
1
VDS=-15V,ID=-5.3A
0
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
845
-
PF
Output Capacitance
Coss
-
120
-
PF
Reverse Transfer Capacitance
VDS=-15V,VGS=0V,
Crss
F=1.0MHz
-
80
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
17
-
nS
Turn-on Rise Time
tr
-
18
-
nS
Turn-Off Delay Time
td
-
(off)
60
-
nS
Turn-Off Fall Time
tf
VDD=-25V, ID=-2A,
VGS=-10V,RGEN=6Ω
27
-
nS
Total Gate Charge
Qg
-
22
-
nC
Gate-Source Charge
Qgs
-
4.5
-
nC
Gate-Drain Charge
Qgd
VDS=-15V,ID=-4.6A
VGS=-10V
-
2
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS
Notes:
Rating: Pulse width limited by maximum junction temperature.
1. Repetitive
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
≤ 2%.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle
4. Guaranteed by design, not subject to production
-3.0
V
-
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
Electrical Characteristics (TA=25℃unless otherwise noted)
=-2.0A
-1.2
V
-
-
RL=12.5Ω
9435



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com