Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1399B Datasheet (PDF) - Cypress Semiconductor

CY7C1399B Datasheet PDF - Cypress Semiconductor
Part # CY7C1399B
Download  CY7C1399B Download
File Size   151.87 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K x 8 3.3V Static RAM

CY7C1399B Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1399B Datasheet PDF - Cypress Semiconductor

Part # CY7C1399B
Download  CY7C1399B Click to download

File Size   151.87 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K x 8 3.3V Static RAM

CY7C1399B Datasheet (HTML) - Cypress Semiconductor


CY7C1399B Product details

Functional Description[1]
The CY7C1399B is a high-performance 3.3V CMOS Static RAM organized as 32,768 words by 8 bits.

Features
• Single 3.3V power supply
• Ideal for low-voltage cache memory applications
• High speed
    — 10/12/15 ns
• Low active power
    — 216 mW (max.)
• Low-power alpha immune 6T cell
• Plastic SOJ and TSOP packaging




Similar Part No. - CY7C1399B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B-12VC CYPRESS-CY7C1399B-12VC Datasheet
185Kb / 10P
256K(32K x 8) Static RAM
CY7C1399B-12VXC CYPRESS-CY7C1399B-12VXC Datasheet
185Kb / 10P
256K(32K x 8) Static RAM
CY7C1399B-12VXI CYPRESS-CY7C1399B-12VXI Datasheet
185Kb / 10P
256K(32K x 8) Static RAM
CY7C1399B-12ZC CYPRESS-CY7C1399B-12ZC Datasheet
185Kb / 10P
256K(32K x 8) Static RAM
CY7C1399B-12ZXC CYPRESS-CY7C1399B-12ZXC Datasheet
185Kb / 10P
256K(32K x 8) Static RAM
More results


Similar Description - CY7C1399B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
32K x 8 Static RAM
January 7, 2003
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
32K x 8 Static RAM
CY7C1399 CYPRESS-CY7C1399 Datasheet
234Kb / 8P
32K x 8 3.3V Static RAM
logo
List of Unclassifed Man...
WCFS0808V1E ETC1-WCFS0808V1E Datasheet
313Kb / 10P
32K x 8 3.3V Static RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
32K x 8 Static RAM
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
32K x 8 Static RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
32K x 8 Static RAM
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
32K x 8 STATIC RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com