Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68000 Datasheet (PDF) - Cypress Semiconductor

CY7C68000 Datasheet PDF - Cypress Semiconductor
Part # CY7C68000
Download  CY7C68000 Download
File Size   237.06 Kbytes
Page   14 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description TX2 USB 2.0 UTMI Transceiver

CY7C68000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C68000 Datasheet PDF - Cypress Semiconductor

Part # CY7C68000
Download  CY7C68000 Click to download

File Size   237.06 Kbytes
Page   14 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description TX2 USB 2.0 UTMI Transceiver

CY7C68000 Datasheet (HTML) - Cypress Semiconductor


CY7C68000 Product details

EZ-USB TX2™ Features
The Cypress EZ-USB TX2™ is a Universal Serial Bus (USB) specification revision 2.0 transceiver, serial/deserializer, to a parallel interface of either 16 bits at 30 MHz or eight bits at 60 MHz. The TX2 provides a high-speed physical layer interface that operates at the maximum allowable USB 2.0 bandwidth. This allows the system designer to keep the complex high speed analog USB components external to the digital ASIC which decreases development time and associated risk. A standard interface is provided that is USB 2.0-certified and is compliant with Transceiver Macrocell Interface (UTMI) specification version 1.05 dated 3/29/01. Two packages are defined for the family: 56-pin SSOP and 56-pin QFN.

The function block diagram is shown in Figure 1-1. The features of the EX-USB TX2 are:
• UTMI-compliant/USB-2.0-certified for device operation
• Operates in both USB 2.0 high speed (HS), 480 Mbits/second, and full speed (FS), 12 Mbits/second
• Serial-to-parallel and parallel-to-serial conversions
• 8-bit unidirectional, 8-bit bidirectional, or 16-bit bidirectional external data interface
• Synchronous field and EOP detection on receive packets
• Synchronous field and EOP generation on transmit packets
• Data and clock recovery from the USB serial stream
• Bit stuffing/unstuffing; bit stuff error detection
• Staging register to manage data rate variation due to bit stuffing/unstuffing
• 16-bit 30-MHz, and 8-bit 60-MHz parallel interface
• Ability to switch between FS and HS terminations and signaling
• Supports detection of USB reset, suspend, and resume
• Supports HS identification and detection as defined by the USB 2.0 Specification
• Supports transmission of resume signaling
• 3.3 V operation
• Two package options—56-pin QFN, and 56-pin SSOP
• All required terminations, including 1.5K-ohm pull up on DPLUS, are internal to the chip
• Supports USB 2.0 test modes

Applications
• DSL modems
• ATA interface
• Memory card readers
• Legacy conversion devices
• Cameras
• Scanners
• Home PNA
• Wireless LAN
• MP3 players
• Networking




Similar Part No. - CY7C68000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68000 CYPRESS-CY7C68000 Datasheet
333Kb / 14P
TX2??USB 2.0 UTMI Transceiver
CY7C68000-56LFXC CYPRESS-CY7C68000-56LFXC Datasheet
333Kb / 14P
TX2??USB 2.0 UTMI Transceiver
CY7C68000-56LFXCT CYPRESS-CY7C68000-56LFXCT Datasheet
333Kb / 14P
TX2??USB 2.0 UTMI Transceiver
CY7C68000-56PVC CYPRESS-CY7C68000-56PVC Datasheet
333Kb / 14P
TX2??USB 2.0 UTMI Transceiver
CY7C68000-56PVCT CYPRESS-CY7C68000-56PVCT Datasheet
333Kb / 14P
TX2??USB 2.0 UTMI Transceiver
More results


Similar Description - CY7C68000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1101 FAIRCHILD-USB1101 Datasheet
445Kb / 10P
USB 2.0 FS Peripheral Transceiver
logo
SMSC Corporation
USB3290 SMSC-USB3290 Datasheet
824Kb / 43P
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
logo
Cypress Semiconductor
CY7C68000A CYPRESS-CY7C68000A Datasheet
598Kb / 14P
MoBL-USB??TX2 USB 2.0 UTMI Transceiver
logo
GENESYS LOGIC
GL800HT25 GENESYS-GL800HT25 Datasheet
158Kb / 20P
USB 2.0 UTMI Compliant Transceiver IP Core
logo
SMSC Corporation
USB3290 SMSC-USB3290_07 Datasheet
872Kb / 46P
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
logo
Cypress Semiconductor
CY7C68000 CYPRESS-CY7C68000_06 Datasheet
333Kb / 14P
TX2??USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A_08 Datasheet
474Kb / 15P
MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A_09 Datasheet
488Kb / 15P
MoBL-USB TX2 USB 2.0 UTMI Transceiver
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
logo
Microchip Technology
USB3250 MICROCHIP-USB3250 Datasheet
753Kb / 46P
Hi-Speed USB Device Transceiver with UTMI Interface
07/14/15
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com