Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL800HT25 Datasheet (PDF) - GENESYS LOGIC

GL800HT25 Datasheet PDF - GENESYS LOGIC
Part # GL800HT25
Download  GL800HT25 Download
File Size   158.54 Kbytes
Page   20 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 UTMI Compliant Transceiver IP Core

GL800HT25 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL800HT25 Datasheet PDF - GENESYS LOGIC

Part # GL800HT25
Download  GL800HT25 Click to download

File Size   158.54 Kbytes
Page   20 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 UTMI Compliant Transceiver IP Core

GL800HT25 Datasheet (HTML) - GENESYS LOGIC


GL800HT25 Product details

GENERAL DESCRIPTION
GL800HT25 is a high performance USB 2.0 Transceiver compliant with the UTMI (USB 2.0 Transceiver Macrocell Interface) Specification proposed by Intel. The UTMI specification defines a standard interface to USB 2.0 high-speed transceivers that enables common design across prototype and production implementations.

FEATURES
● Complies with Universal Serial Bus Specification Rev. 2.0.
● Complies with USB 2.0 Transceiver Macrocell Interface (UTMI) Specification.
● Supports 480 Mbit/s "High Speed" (HS) / 12 Mbit/s “Full Speed” (FS), FS Only serial data transmission rates.
● 16 bit Bi-directional Serial Interface Engine (SIE) bus.
● SYNC/EOP generation and checking.
● Supports “Chirp” for High Speed recognition.
● Data and clock recovery from serial stream on the USB.
● Bit-stuffing / unstuffing; Bit stuff error detection.
● Holding registers to stage transmit and receive data.
● Supports Reset and Suspend.
● Single parallel data clock output with on-chip PLL to generate higher speed serial data clocks.
● Available in 48 pin LQFP package or IP macrocell on the 0.35µm UMC / 0.25µm TSMC standard CMOS processes.




Similar Part No. - GL800HT25

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GL80N60S LUGUANG-GL80N60S Datasheet
1Mb / 10P
600V/80A Trench Field Stop IGBT
Revision:20201218-P1
More results


Similar Description - GL800HT25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68000 CYPRESS-CY7C68000 Datasheet
237Kb / 14P
TX2 USB 2.0 UTMI Transceiver
November 2, 2004
CY7C68000A CYPRESS-CY7C68000A Datasheet
598Kb / 14P
MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68000 CYPRESS-CY7C68000_06 Datasheet
333Kb / 14P
TX2??USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A_08 Datasheet
474Kb / 15P
MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A_09 Datasheet
488Kb / 15P
MoBL-USB TX2 USB 2.0 UTMI Transceiver
logo
Synaptics Incorporated.
CX23102 CONEXANT-CX23102 Datasheet
1Mb / 2P
USB 1.1/2.0 compliant bus
CX23103 CONEXANT-CX23103 Datasheet
1Mb / 2P
USB 1.1/2.0 compliant bus
logo
Microchip Technology
USB3250 MICROCHIP-USB3250 Datasheet
753Kb / 46P
Hi-Speed USB Device Transceiver with UTMI Interface
07/14/15
logo
C-Media Electronics
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
USB 2.0 Full-Speed compliant
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
USB 2.0 full-speed compliant
More results




About GENESYS LOGIC


Genesys Logic is a fabless semiconductor company based in Taiwan that specializes in the design and development of USB, USB Type-C, and power delivery controller ICs (integrated circuits). The company was founded in 1997 and has since become a leading provider of USB solutions for various applications such as PCs, smartphones, tablets, and automotive electronics.

Some of Genesys Logic's products include USB 2.0/3.0/3.1/4.0 controllers, USB Type-C controllers, USB Type-C power delivery controllers, USB hubs, card readers, and audio controllers. The company's solutions are widely used in consumer electronics, industrial and automotive applications.

In addition to its USB products, Genesys Logic also offers other IC products such as high-speed digital video/audio processors and memory card controllers. The company is committed to providing innovative and reliable solutions to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com