Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL800HT25 Datasheet(PDF) 8 Page - GENESYS LOGIC

Part # GL800HT25
Description  USB 2.0 UTMI Compliant Transceiver IP Core
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL800HT25 Datasheet(HTML) 8 Page - GENESYS LOGIC

Back Button GL800HT25 Datasheet HTML 4Page - GENESYS LOGIC GL800HT25 Datasheet HTML 5Page - GENESYS LOGIC GL800HT25 Datasheet HTML 6Page - GENESYS LOGIC GL800HT25 Datasheet HTML 7Page - GENESYS LOGIC GL800HT25 Datasheet HTML 8Page - GENESYS LOGIC GL800HT25 Datasheet HTML 9Page - GENESYS LOGIC GL800HT25 Datasheet HTML 10Page - GENESYS LOGIC GL800HT25 Datasheet HTML 11Page - GENESYS LOGIC GL800HT25 Datasheet HTML 12Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
GL800HT25 USB 2.0 UTMI Compliant Transceiver IP Core
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 8
CHAPTER 3
BLOCK DIAGRAM
3.1 System Configuration
UTMI
SIE
(Serial Interface
Engine)
Device
Specific Logic
GL800
USB 2.0 Transceiver Macrocell Interface
USB 2.0
Figure 3.1 - System Diagram
1. GL800HT25
The USB 2.0 UTMI Transceiver, which handles the low level USB protocol and signaling, and shifts the
clock domain of the data from the USB 2.0 rate to one that is compatible with the general logic.
2. Serial Interface Engine
The Serial Interface Engine can be further sub-divided into 2 types of sub-blocks; the SIE control logic and
the Endpoint logic. The SIE control logic contains the USB PID and address recognition logic, and other
sequencing and state machine logic to handle USB packets and transactions. The Endpoint logic contains
the endpoint specific logic: endpoint number recognition, FIFOs and FIFO control, etc.
SIE logic module can be developed by peripheral vendors or purchased from IP vendors. The
standardization of the UTMI allows multiple sources of SIE logic to connect with GL800HT25 to
implement the USB 2.0 High-Speed design.
3. Device Specific Logic
This block is the glue that ties the USB interface to the specific application of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com