Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL800HT25 Datasheet(PDF) 13 Page - GENESYS LOGIC

Part # GL800HT25
Description  USB 2.0 UTMI Compliant Transceiver IP Core
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL800HT25 Datasheet(HTML) 13 Page - GENESYS LOGIC

Back Button GL800HT25 Datasheet HTML 9Page - GENESYS LOGIC GL800HT25 Datasheet HTML 10Page - GENESYS LOGIC GL800HT25 Datasheet HTML 11Page - GENESYS LOGIC GL800HT25 Datasheet HTML 12Page - GENESYS LOGIC GL800HT25 Datasheet HTML 13Page - GENESYS LOGIC GL800HT25 Datasheet HTML 14Page - GENESYS LOGIC GL800HT25 Datasheet HTML 15Page - GENESYS LOGIC GL800HT25 Datasheet HTML 16Page - GENESYS LOGIC GL800HT25 Datasheet HTML 17Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
GL800HT25 USB 2.0 UTMI Compliant Transceiver IP Core
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 13
DMH
10
B
Negative USB Differential Data (High Speed)
AGND0~1
11,16
P
Analog ground (0V)
RREF
12
-
510 Ω reference resistor input
XO
14
B
Crystal output
XI
15
I
12MHz crystal/oscillator input
TEST0
17
I
(pd)
Test mode enable
OPMOD1
18
I
(pu)
OPMOD0
19
I
(pd)
Operational mode. These signals select between various
operational modes:
[1] [0] Description
0
0
0: Normal Operation
0
1
1: Non-Driving
1
0
2: Disable Bit Stuffing and NRZI encoding
1
1
3: Reserved
RXACTV
20
O
Receive Active, active high. Indicates that the receive state
machine has detected SYNC and is active. RXACTV is negated
after a Bit Stuff Error or an EOP is detected.
In HS mode, RXACTV must be negated no less than 3 and no
more than 8 CLKs after an Idle state is detected on the USB.
And RXACTV must be negated for at least 1 CLK between
consecutive received packets.
In FS/FS only modes, RXACTV must be negated no more than 2
CLKs after a FS Idle state is detected on the USB. And RXACTV
must be negated for at least 4 CLKs between consecutive received
packets.
RXERR
21
O
Receive Error, active high.
0: Indicates no error.
1: Indicates that a receive error has been detected.
This output is clocked with the same timing as the Data lines and
can occur at anytime during a transfer. If asserted, it will force the
negation of RXVLD on the next rising edge of CLK30.
RXVLD
22
O
Receive Data Valid, active high. Indicates that the Data bus has
valid data. The Rx Register is full and ready to be unloaded. The
SIE is expected to latch the Data bus on the clock edge.
CLKOUT
23
O
Clock. This 30MHz clock output is used for clocking receive and
transmit HS/FS 16-bit parallel data.
TXVLD
24
I
Transmit Valid, active high. Indicates that the Data bus is valid.
The assertion of Transmit Valid initiates SYNC on the USB. The
negation of Transmit Valid initiates EOP on the USB.
In HS mode, the SYNC pattern must be asserted on the USB
between 8 and 16 bit times after the assertion of TXVLD is
detected by the Transmit State Machine.
In FS/ FS only Modes, the SYNC pattern must be asserted on the
USB no less than 1 CLK and no more than 5 CLKs after the
assertion of TXVLD is detected by the Transmit State Machine.
VALIDH
25
B
Transmit/Receive Valid High, active high.
TXRDY
26
O
Transmit data ready, active high. If TXVLD is asserted, the SIE
must always have data available for clocking in to the TX Register
on the rising edge of CLK30. If TXVLD is true and TXRDY is
asserted at the rising edge of CLK30, the GL800HT25 will load
the data on the Data bus into the TX Register on the next rising
edge of CLK30, at that time, SIE should immediately present the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com