Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL800HT25 Datasheet(PDF) 20 Page - GENESYS LOGIC

Part # GL800HT25
Description  USB 2.0 UTMI Compliant Transceiver IP Core
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL800HT25 Datasheet(HTML) 20 Page - GENESYS LOGIC

Back Button GL800HT25 Datasheet HTML 12Page - GENESYS LOGIC GL800HT25 Datasheet HTML 13Page - GENESYS LOGIC GL800HT25 Datasheet HTML 14Page - GENESYS LOGIC GL800HT25 Datasheet HTML 15Page - GENESYS LOGIC GL800HT25 Datasheet HTML 16Page - GENESYS LOGIC GL800HT25 Datasheet HTML 17Page - GENESYS LOGIC GL800HT25 Datasheet HTML 18Page - GENESYS LOGIC GL800HT25 Datasheet HTML 19Page - GENESYS LOGIC GL800HT25 Datasheet HTML 20Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
GL800HT25 USB 2.0 UTMI Compliant Transceiver IP Core
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 20
CHAPTER 6
PACKAGE DIMENSION
CONTROL DIMENSIONS ARE IN MILLIMETERS.
SYMBOL
MILLIMETER
INCH
MIN.
NOM. MAX.
MAX.
MIN.
NOM.
A
A1
A2
D
E
D1
E1
R2
R1
c
L
L1
S
b
e
aaa
bbb
ccc
ddd
D2
E2
TOLERANCES OF FORM AND POSITION
9.00 BASIC
9.00 BASIC
7.00 BASIC
7.00 BASIC
0.354 BASIC
0.354 BASIC
0.276 BASIC
0.276 BASIC
0.05
1.35
1.40
1.60
0.15
1.45
0
0
11
11
3.5
12
12
7
13
13
0.08
0.08
0.20
0.003
0.003
0.008
0
0
11
11
3.5
12
12
7
13
13
0.063
0.006
0.057
0.055
0.002
0.053
0.20
0.20
0.08
0.08
0.008
0.008
0.003
0.003
0.50 BASIC
5.50 BASIC
5.50 BASIC
0.020 BASIC
0.217 BASIC
0.217 BASIC
1.00 REF
0.039 REF
0.09
0.45
0.20
0.17
0.60
0.20
0.20
0.75
0.27
0.004
0.018
0.008
0.007
0.024
0.008
0.008
0.030
0.011
0
-
02
-
03
-
01
-
NOTES :
1.
2.
DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 mm PER
SIDE. D1 AND E1 ARE MAXIMUM PLASTIC BODY SIZE
DIMENSIONS INCLUDING MOLD MISMATCH.
DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE
THE LEAD WIDTH TO EXCEED THE MAXIMUM b
DIMENSION BY MORE THAN 0.08mm. DAMBAR CAN NOT
BE LOCATED ON THE LOWER RADIUS OR THE FOOT.
MINIMUM SPACE BETWEEN PROTRUSION AND AN
ADJACENT LEAD IS 0.07mm.
1
24
25
36
37
48
12
13
SEATING
PLANE
e
b
4X
4X
A
AB D
C
aaa
B
AD
H
bbb
ddd M C
B
A
ss
D
B
D1
D2
D
D
A
A2
A1
c
01
-
0
-
C
C
ccc
GAGE PLANE
R1
R2
0.25mm
S
L
03
-
02
-
H
Figure 6.1 - GL800HT25 48 Pin LQFP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com