Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL800HT25 Datasheet(PDF) 14 Page - GENESYS LOGIC

Part # GL800HT25
Description  USB 2.0 UTMI Compliant Transceiver IP Core
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL800HT25 Datasheet(HTML) 14 Page - GENESYS LOGIC

Back Button GL800HT25 Datasheet HTML 10Page - GENESYS LOGIC GL800HT25 Datasheet HTML 11Page - GENESYS LOGIC GL800HT25 Datasheet HTML 12Page - GENESYS LOGIC GL800HT25 Datasheet HTML 13Page - GENESYS LOGIC GL800HT25 Datasheet HTML 14Page - GENESYS LOGIC GL800HT25 Datasheet HTML 15Page - GENESYS LOGIC GL800HT25 Datasheet HTML 16Page - GENESYS LOGIC GL800HT25 Datasheet HTML 17Page - GENESYS LOGIC GL800HT25 Datasheet HTML 18Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
GL800HT25 USB 2.0 UTMI Compliant Transceiver IP Core
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 14
data for next transfer on the Data bus. If TXVLD is asserted and
TXRDY is negated, the SIE must hold the previously asserted data
on the Data bus. From the time TXVLD is negated, TXRDY is a
don’t care for the SIE.
D0~D15
27~30,
33~40,
43~46
B
Data bus 0~15
DVDD0
31
P
Positive digital supply (3.3V)
DVDD1
41
P
Positive digital supply
UMC 0.35um sample : 3.3V
TSMC 0.25um sample : 2.5V
DGND0~1
32,42
P
Digital ground (0V)
LINEST1
47
O
LINEST0
48
O
Line State. These signals reflect the current state of the single
ended receivers. They are combinatorial until a “usable” CLK30 is
available then they are synchronized to CLK30. They directly
reflect the current state of the DP (LineState[0]) and DM
(LineState[1]) signals:
DM DP Description
0
1
0: SE0
0
1
1: ‘J’ State
1
0
2: ‘K’ State
1
1
3: SE1
Notation:
Type
O
Output
I
Input
B
Bi-directional
B/I
Bi-directional, default input
B/O
Bi-directional, default output
P
Power / Ground
A
Analog
SO
Automatic output low when suspend
pu
Internal pull up
pd
Internal pull down
odpu
Open drain with internal pull up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com