Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL800HT25 Datasheet(PDF) 10 Page - GENESYS LOGIC

Part # GL800HT25
Description  USB 2.0 UTMI Compliant Transceiver IP Core
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL800HT25 Datasheet(HTML) 10 Page - GENESYS LOGIC

Back Button GL800HT25 Datasheet HTML 6Page - GENESYS LOGIC GL800HT25 Datasheet HTML 7Page - GENESYS LOGIC GL800HT25 Datasheet HTML 8Page - GENESYS LOGIC GL800HT25 Datasheet HTML 9Page - GENESYS LOGIC GL800HT25 Datasheet HTML 10Page - GENESYS LOGIC GL800HT25 Datasheet HTML 11Page - GENESYS LOGIC GL800HT25 Datasheet HTML 12Page - GENESYS LOGIC GL800HT25 Datasheet HTML 13Page - GENESYS LOGIC GL800HT25 Datasheet HTML 14Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
GL800HT25 USB 2.0 UTMI Compliant Transceiver IP Core
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 10
5. Elasticity Buffer
Elasticity Buffer is used to compensate for difference between transmitting and receiving clocks. The USB
specification defines a maximum clock error of +/- 500 ppm. When the error is calculated over the maximum
packet size up to +/- 12 bits of drift can occur. The elasticity buffer is filled to a threshold prior to enabling the
remainder of the down stream receive logic.
Overview and underflow conditions detected in the elasticity buffer can be reported with the RXERR
signal.
6. Mux
The MUX block allows the data from the HS or FS receivers to be routed to the shared receive logic. The
state of the Mux is determined by the FSPEED input.
7. NRZI Decoder
The NRZI Decoder is compliant to standard USB 1.X specification, and it can operate at FS and HS data
rates.
8. Bit Unstuffer
The Bit Unstuffer is compliant to standard USB 1.X specification, and it can operate at FS and HS data rates.
The bit unstuffer is a state machine, which strips a stuffed 0 bit from the data stream and detects bit stuff
errors. In FS mode bit stuff errors asserts the RXERR signal. In HS mode bit stuff errors are used to
generate the EOP signal so the RXERR signal is not asserted.
9. Rx Register
Rx Register is in charge of converting serial data received from the USB to parallel data.
10. Receive State Machine
The behavior of the Receive State Machine is described at Chapter 6, Function Description.
11. NRZI Encoder
The NRZI Encoder is compliant to standard USB 1.X specification, and it can operate at FS and HS data
rates.
12. Bit Stuffer
Bit Stuffer is used by insert a zero after every six consecutive ones in the data stream before the data is NRZI
encoded in order to ensure adequate signal transitions. Bit stuffing is enabled beginning with the SYNC
Pattern and through the entire transmission. The data “one” that ends the SYNC Pattern is counted as the first
one in a sequence.
In FS mode bit stuffing by the transmitter is always enforced, without exception. If required by the bit stuffing
rules, a zero bit is inserted even after the last bit before the TXVLD signal is negated.
After 8 bits are stuffed into the USB data stream TXRDY is negated for one byte time to hold up the data
stream on the Data bus.
13. Tx Register
Tx Register is in charge of reading parallel data from the parallel application bus interface upon command
and serializing for transmission over USB.
14. Transmit State Machine
The behavior of the Transmit State Machine is described at Chapter 6, Function Description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com