Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL800HT25 Datasheet(PDF) 7 Page - GENESYS LOGIC

Part # GL800HT25
Description  USB 2.0 UTMI Compliant Transceiver IP Core
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL800HT25 Datasheet(HTML) 7 Page - GENESYS LOGIC

Back Button GL800HT25 Datasheet HTML 3Page - GENESYS LOGIC GL800HT25 Datasheet HTML 4Page - GENESYS LOGIC GL800HT25 Datasheet HTML 5Page - GENESYS LOGIC GL800HT25 Datasheet HTML 6Page - GENESYS LOGIC GL800HT25 Datasheet HTML 7Page - GENESYS LOGIC GL800HT25 Datasheet HTML 8Page - GENESYS LOGIC GL800HT25 Datasheet HTML 9Page - GENESYS LOGIC GL800HT25 Datasheet HTML 10Page - GENESYS LOGIC GL800HT25 Datasheet HTML 11Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
GL800HT25 USB 2.0 UTMI Compliant Transceiver IP Core
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 7
CHAPTER 2
FEATURES
Complies with Universal Serial Bus Specification Rev. 2.0.
Complies with USB 2.0 Transceiver Macrocell Interface (UTMI) Specification.
Supports 480 Mbit/s "High Speed" (HS) / 12 Mbit/s “Full Speed” (FS), FS Only serial data transmission
rates.
16 bit Bi-directional Serial Interface Engine (SIE) bus.
SYNC/EOP generation and checking.
Supports “Chirp” for High Speed recognition.
Data and clock recovery from serial stream on the USB.
Bit-stuffing / unstuffing; Bit stuff error detection.
Holding registers to stage transmit and receive data.
Supports Reset and Suspend.
Single parallel data clock output with on-chip PLL to generate higher speed serial data clocks.
Available in 48 pin LQFP package or IP macrocell on the 0.35µm UMC / 0.25µm TSMC standard CMOS
processes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com