Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL800HT25 Datasheet(PDF) 12 Page - GENESYS LOGIC

Part # GL800HT25
Description  USB 2.0 UTMI Compliant Transceiver IP Core
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL800HT25 Datasheet(HTML) 12 Page - GENESYS LOGIC

Back Button GL800HT25 Datasheet HTML 8Page - GENESYS LOGIC GL800HT25 Datasheet HTML 9Page - GENESYS LOGIC GL800HT25 Datasheet HTML 10Page - GENESYS LOGIC GL800HT25 Datasheet HTML 11Page - GENESYS LOGIC GL800HT25 Datasheet HTML 12Page - GENESYS LOGIC GL800HT25 Datasheet HTML 13Page - GENESYS LOGIC GL800HT25 Datasheet HTML 14Page - GENESYS LOGIC GL800HT25 Datasheet HTML 15Page - GENESYS LOGIC GL800HT25 Datasheet HTML 16Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
GL800HT25 USB 2.0 UTMI Compliant Transceiver IP Core
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 12
4.2 Pin List
Table 4.1 - Pin List
Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type
1 FSPEED
I
13 AVDD1
P
25 VALIDH
B
37 D8
B
2 HRST#
I
148 XO
B
26 TXRDY
O
38 D9
B
3 HSTERM#
I
15 XI
I
27 D0
B
39 D10
B
4 SUSPND#
I
16 AGND1
P
28 D1
B
40 D11
B
5 RPU
-
17 TEST0
I
29 D2
B
41 DVDD1
P
6 AVDD0
P
18 OPMOD1
I
30 D3
B
42 DGND1
P
7 DPF
B
19 OPMOD0
I
31 DVDD0
P
43 D12
B
8 DPH
B
20 RXACTV
O
32 DGND0
P
44 D13
B
9 DMF
B
21 RXERR
O
33 D4
B
45 D14
B
10 DMH
B
22 RXVLD
O
34 D5
B
46 D15
B
11 AGND0
P
23 CLKOUT
O
35 D6
B
47 LINEST1
O
12 RREF
-
24 TXVLD
I
36 D7
B
48 LINEST2
O
4.3 Pin Descriptions
Table 4.2 - Pin Descriptions
Pin Name
Pin#
Type
Description
FSPEED
1
I
(pu)
Transceiver Select. This signal selects between the FS and HS
transceivers:
0: High Speed transceiver enabled
1: Full Speed transceiver enabled
HRST#
/ ADVDD
2
I
(pu)
UMC 0.35um sample: Reset. Chip reset Input, active low. This
signal is used to reset all state machines in the GL800HT25.
TSMC 0.25um sample: this pin should be digital 2.5V power for
transceiver.
HSTERM#
3
I
(pu)
Termination Select. HS termination enable, active low
SUSPND#
4
I
(pd)
Suspend mode enable, active low. This signal places the
GL800HT25 in a mode that draws minimal power from supplies.
Shuts down all blocks not necessary for Suspend/Resume
operation. While suspended, HSTERM# must always be disabled
(FS Mode) to ensure that the 1.5K pull-up on DP remains powered.
RPU
5
-
3.3V Pull up control for DPF
AVDD0~1
6,13
P
Positive analog supply (3.3V)
DPF
7
B
Positive USB differential data (Full Speed)
DPH
8
B
Positive USB differential data (High Speed)
DMF
9
B
Negative USB Differential Data (Full Speed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com