Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1213D Datasheet (PDF) - Dallas Semiconductor

DS1213D Datasheet PDF - Dallas Semiconductor
Part # DS1213D
Download  DS1213D Download
File Size   31.32 Kbytes
Page   2 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description SmartSocket 256k/1M

DS1213D Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1213D Datasheet PDF - Dallas Semiconductor

Part # DS1213D
Download  DS1213D Click to download

File Size   31.32 Kbytes
Page   2 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description SmartSocket 256k/1M

DS1213D Datasheet (HTML) - Dallas Semiconductor


DS1213D Product details

DESCRIPTION

The DS1213D SmartSocket is a 32-pin, 600 mil DIP socket with a built-in CMOS controller circuit and an embedded lithium energy source. It accepts 32K x 8 or 128K x 8 JEDEC bytewide CMOS static RAM. When the socket is mated with a CMOS RAM, it provides a complete solution to problems associated with memory volatility. The SmartSocket monitors incoming VCC for an out-of-tolerance condition. When such a condition occurs, an internal lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. Using the SmartSocket saves printed circuit board space since the SRAM/SmartSocket combination occupies no more area than the SRAM alone. The SmartSocket uses only Pins 22, 30 and 32 for RAM control. All other pins are passed straight through.



FEATURES

■ Accepts standard 32K x 8 or 128K x 8 CMOS static RAMs

■ Embedded lithium energy cell retains RAM data

■ Self-contained circuitry safeguards data

■ Data retention time is greater than 10 years with the proper RAM selection

■ IC socket permits upgrading from 32K x 8 to 128K x 8 RAM

■ Proven gas-tight socket contacts

■ Operating temperature range 0°C to 70°C



 




Similar Part No. - DS1213D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1213D MAXIM-DS1213D Datasheet
36Kb / 2P
SmartSocket 256k/1M
022900
More results


Similar Description - DS1213D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8420A NSC-DP8420A Datasheet
824Kb / 58P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420V NSC-DP8420V Datasheet
824Kb / 60P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8430V NSC-DP8430V Datasheet
770Kb / 56P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
logo
Sharp Corporation
LH6V4256 SHARP-LH6V4256 Datasheet
198Kb / 18P
CMOS 1M (256K x 4) Dynamic RAM
logo
Dallas Semiconductor
DS1213B DALLAS-DS1213B Datasheet
75Kb / 7P
SmartSocket 16k/64k
DS1213C DALLAS-DS1213C Datasheet
32Kb / 2P
SmartSocket 256k
DS1213B DALLAS-DS1213B_01 Datasheet
78Kb / 7P
SmartSocket 16k/64k
logo
Maxim Integrated Produc...
DS1213D MAXIM-DS1213D Datasheet
36Kb / 2P
SmartSocket 256k/1M
022900
DS1213C MAXIM-DS1213C Datasheet
37Kb / 2P
SmartSocket 256k
022900
DS1213B MAXIM-DS1213B Datasheet
78Kb / 7P
SmartSocket 16k/64k
040601
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com