Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR1176SS Datasheet (PDF) - International Rectifier

IR1176SS Datasheet PDF - International Rectifier
Part # IR1176SS
Download  IR1176SS Download
File Size   417.73 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SYNCHRONOUS RECTIFIER DRIVER

IR1176SS Datasheet (PDF)

Go To PDF Page Download Datasheet
IR1176SS Datasheet PDF - International Rectifier

Part # IR1176SS
Download  IR1176SS Click to download

File Size   417.73 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SYNCHRONOUS RECTIFIER DRIVER

IR1176SS Datasheet (HTML) - International Rectifier


IR1176SS Product details

Vdd 5Vdc

IO+/- (peak) 4A/4A

Fmax 2MHz

Max lead time 500nsec



Description

The IR1176 is a high speed CMOS controller designed to drive N-channel power MOSFETs used as synchronous rectifiers in high current, high frequency forward converters with output voltages equal or below 5VDC.



Features

• Provides constant and proper gate drive to power MOSFETs regardless of transformer output

• Minimizes loss due to power MOSFET body drain diode conduction

• Stand alone operation - no ties to primary side

• Schmitt trigger input with double pulse suppression allows operation in noisy environments

• High peak current drive capability - 4A

• High speed operation - 2MHz

• Adaptable to multiple topologies




Similar Part No. - IR1176SS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1175 IRF-IR1175 Datasheet
160Kb / 9P
Synchronous Rectifier Driver
More results


Similar Description - IR1176SS

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP6003 SYNC-POWER-SP6003 Datasheet
192Kb / 7P
Synchronous Rectifier Driver
SP6003A SYNC-POWER-SP6003A Datasheet
196Kb / 7P
Synchronous Rectifier Driver
SP6012 SYNC-POWER-SP6012 Datasheet
222Kb / 7P
Synchronous Rectifier Driver
logo
Advanced Power Electron...
APE6019 A-POWER-APE6019 Datasheet
209Kb / 6P
SYNCHRONOUS RECTIFIER DRIVER
logo
SYNC POWER Crop.
SP6018E SYNC-POWER-SP6018E Datasheet
236Kb / 7P
Synchronous Rectifier Driver
SP6003A SYNC-POWER-SP6003A_12 Datasheet
125Kb / 7P
Synchronous Rectifier Driver
SP6013A SYNC-POWER-SP6013A_12 Datasheet
161Kb / 7P
Synchronous Rectifier Driver
SP6019 SYNC-POWER-SP6019_13 Datasheet
133Kb / 7P
Synchronous Rectifier Driver
SP6019D SYNC-POWER-SP6019D Datasheet
358Kb / 8P
Synchronous Rectifier Driver
SP6016E SYNC-POWER-SP6016E Datasheet
727Kb / 8P
Synchronous Rectifier Driver
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com