Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR1176SS Datasheet(PDF) 3 Page - International Rectifier

Part # IR1176SS
Description  SYNCHRONOUS RECTIFIER DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1176SS Datasheet(HTML) 3 Page - International Rectifier

  IR1176SS Datasheet HTML 1Page - International Rectifier IR1176SS Datasheet HTML 2Page - International Rectifier IR1176SS Datasheet HTML 3Page - International Rectifier IR1176SS Datasheet HTML 4Page - International Rectifier IR1176SS Datasheet HTML 5Page - International Rectifier IR1176SS Datasheet HTML 6Page - International Rectifier IR1176SS Datasheet HTML 7Page - International Rectifier IR1176SS Datasheet HTML 8Page - International Rectifier IR1176SS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.irf.com
3
IR1176
Dynamic Electrical Characteristics
Vdd=5V, TA = 25
oC, Rbias = 34.0K unless otherwise specified.
Symbol
Definition
Min.
Typ.
Max.
Units
Vdd
Supply voltage operating range
4.0
—
5.25
VDC
Iqdd
Vdd quiescent current (x1 = x2 = 0V or 5V, Iout = 0)
—
4
5
A
Freq
Operating frequency
100
—
2000
KHz
UVSET+
UVSET positive going threshold
1.10
—
1.4
V
UVSET-
UVSET negative going threshold
0.8
—
1.1
V
Vxth+
X1/X2 Input positive going threshold
—
1.4
—
VDC
Vxth-
X1/X2 Input negative going threshold
—
1.0
—
VDC
Tadv
Externally adjustable lead time (advance)
—
—
500
nsec
Td
Externally adjustable dead-time for Q1 and Q2
20
—
—
nsec
Isink
Q1,Q2 output sink current (Vdd=5.0V,
—
4
—
(peak)
pulsed, 10 usec)
Isource
Q1,Q2 output source current (Vdd=5.0V,
—
4
—
(peak)
pulsed, 10 usec)
VOH
Q1, Q2 High level voltage (Iout = 20mA)
—
Vdd- 0.20
—
VOL
Q1, Q2 Low level voltage (Iout = 20mA)
—
0.10
—
tio
Input to output delay (PLL bypassed, cross coupled
—
20
—
nsec
mode)
tr
Gate turn-on rise time (C1=1000pf, Vdd=5V)
—
20
—
nsec
tf
Gate turn-off fall time (C1=1000pf, Vdd=5V)
—
20
—
nsec
Vtr
Cross-over voltage (Vdd=5Vdc, DTIN shorted to
—
2.5
—
VDC
DTOUT, C1=1000pf) Fig. 3
Rbias
Required bias resistor (1%)
—
34.0
—
K Ω
Vbias
Voltage at Rbias pin
—
1.25
—
VDC
Tjitter
Phase-lock loop output jitter
-20
—
20
nsec
Ichgpump
Charge pump output current (at VFLTR pin)
—
50
—
µA DC
Vchgpump
Charge pump output voltage (at VFLTR pin)
1.3
1.5
1.7
VDC
Kvco_dc
PLL Vco DC gain (per design)
—
62
—
KHz/
Volt
V
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com