Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD61256DC07 Datasheet (PDF) - Zentrum Mikroelektronik Dresden AG

UD61256DC07 Datasheet PDF - Zentrum Mikroelektronik Dresden AG
Part # UD61256DC07
Download  UD61256DC07 Download
File Size   224.31 Kbytes
Page   13 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description 256K x 1 DRAM

UD61256DC07 Datasheet (PDF)

Go To PDF Page Download Datasheet
UD61256DC07 Datasheet PDF - Zentrum Mikroelektronik Dresden AG

Part # UD61256DC07
Download  UD61256DC07 Click to download

File Size   224.31 Kbytes
Page   13 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description 256K x 1 DRAM

UD61256DC07 Datasheet (HTML) - Zentrum Mikroelektronik Dresden AG


UD61256DC07 Product details

Description

Addressing

The UD61256 is a dynamic Write Read-memory with random access. FPM facilitates faster data operation with predefined row address. Via 9 address inputs the 18 address bits are transmitted into the internal address memories in a time-multiplex operation. The falling RAS edge takes over the row address. During RAS Low, the column address together with the CAS signal are taken over. The selection of one or more memory circuits can be made by activation of the RAS input.



Read-Write-Control

The choice between Read or Write cycle is made at the W input. HIGH at the W input causes a Read cycle, meanwhile LOW leads to a Write cycle.

Both CAS-controlled and W-control led Write cycles are possible with activated RAS signal.



Features

❐ Dynamic random access memory 262144 x 1 bit manufactured using a CMOS technology

❐ RAS access times 70 ns, 80 ns

❐ TTL-compatible

❐ Three-state output

❐ 256 refresh cycles 4 ms refresh cycle time

❐ FAST PAGE MODE

❐ Operating modes: Read, Write, Read - Write, RAS only Refresh, Hidden Refresh with address transfer

❐ Power Supply Voltage 5 V

❐ Packages PDIP16 (300 mil) SOJ20/26 (300 mil)

❐ Operating temperature range 0 to 70 °C

❐ Quality assessment according to CECC 90000, CECC 90100 and CECC 90112



 




Similar Part No. - UD61256DC07

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
UD61466 ZMD-UD61466 Datasheet
174Kb / 14P
64K x 4 DRAM
UD61466DC07 ZMD-UD61466DC07 Datasheet
174Kb / 14P
64K x 4 DRAM
UD61466DC08 ZMD-UD61466DC08 Datasheet
174Kb / 14P
64K x 4 DRAM
More results


Similar Description - UD61256DC07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
256k x 16-Bit EDO-DRAM
logo
Hynix Semiconductor
HY534256A HYNIX-HY534256A Datasheet
755Kb / 15P
256K x 4-bit CMOS DRAM
logo
List of Unclassifed Man...
EM614163 ETC-EM614163 Datasheet
145Kb / 23P
256K x 16 High Speed EDO DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
256K X 16 BIT EDO DRAM
logo
Hynix Semiconductor
HY53C256 HYNIX-HY53C256 Datasheet
648Kb / 14P
256K x 1-Bit CMOS DRAM
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
3.3V 256K X 16 CMOS DRAM (EDO)
logo
Austin Semiconductor
AS4C1259883C AUSTIN-AS4C1259883C Datasheet
27Mb / 10P
256K x 1 DRAM
AS4C4256883C AUSTIN-AS4C4256883C Datasheet
7Mb / 11P
256K x 4 DRAM
SMJ44C251B AUSTIN-SMJ44C251B Datasheet
1Mb / 57P
256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com