Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD61466 Datasheet (PDF) - Zentrum Mikroelektronik Dresden AG

UD61466 Datasheet PDF - Zentrum Mikroelektronik Dresden AG
Part # UD61466
Download  UD61466 Download
File Size   174.93 Kbytes
Page   14 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description 64K x 4 DRAM

UD61466 Datasheet (PDF)

Go To PDF Page Download Datasheet
UD61466 Datasheet PDF - Zentrum Mikroelektronik Dresden AG

Part # UD61466
Download  UD61466 Click to download

File Size   174.93 Kbytes
Page   14 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description 64K x 4 DRAM

UD61466 Datasheet (HTML) - Zentrum Mikroelektronik Dresden AG


UD61466 Product details

Description
Addressing
The UD61466 is a dynamic random access memory organized 65536 words by 4 bits.
SCM facilitates faster data operation with predefined row address. Via 8 address inputs the 16 address bits are transmitted into the internal address memories in a time-multiplex operation.

Features
❐ Dynamic random access memory 65536 x 4 bits manufactured using a CMOS technology
❐ RAS access times 70 ns/80 ns
❐ TTL-compatible
❐ Three-state outputs bidirectional
❐ 256 refresh cycles 4 ms refresh cycle time
❐ STATIC COLUMN MODE
❐ Operating modes: Read, Write, Read - Write, RAS only Refresh, Hidden Refresh with address transfer
❐ Low power dissipation
❐ Power supply voltage 5 V
❐ Package PDIP18 (300 mil)
❐ Operating temperature range 0 to 70 °C
❐ Quality assessment according to CECC 90000, CECC 90100 and CECC 90112




Similar Part No. - UD61466

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
UD61256 ZMD-UD61256 Datasheet
224Kb / 13P
256K x 1 DRAM
UD61256DC07 ZMD-UD61256DC07 Datasheet
224Kb / 13P
256K x 1 DRAM
UD61256DC08 ZMD-UD61256DC08 Datasheet
224Kb / 13P
256K x 1 DRAM
UD61256JC07 ZMD-UD61256JC07 Datasheet
224Kb / 13P
256K x 1 DRAM
UD61256JC08 ZMD-UD61256JC08 Datasheet
224Kb / 13P
256K x 1 DRAM
More results


Similar Description - UD61466

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
64K x 4 Bit Static RAM
logo
Micron Technology
MT4LC4M4E8 MICRON-MT4LC4M4E8 Datasheet
291Kb / 23P
4 MEG x 4 EDO DRAM
logo
List of Unclassifed Man...
M10B11664A ETC-M10B11664A Datasheet
1Mb / 15P
64K X 16 DRAM FAST PAGE MODE
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
64K WORD X 16 BIT EDO DRAM
logo
Micron Technology
MT4C4003J MICRON-MT4C4003J Datasheet
796Kb / 12P
1 MEG x 4 DRAM
MT4C40005 MICRON-MT4C40005 Datasheet
140Kb / 1P
4 MEG x 4 DRAM
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
64K x 4 Static RAM
logo
Austin Semiconductor
AS4C4067883C AUSTIN-AS4C4067883C Datasheet
3Mb / 10P
64K x 4 DRAM
AS4C4256883C AUSTIN-AS4C4256883C Datasheet
7Mb / 11P
256K x 4 DRAM
AS4LC4M16 AUSTIN-AS4LC4M16 Datasheet
519Kb / 25P
4 MEG x 16 DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com