Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M624 Datasheet (PDF) - Integrated Circuit Systems

M624 Datasheet PDF - Integrated Circuit Systems
Part # M624
Download  M624 Download
File Size   52.83 Kbytes
Page   1 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VOLTAGE CONTROLLED SAW OSCILLATOR

M624 Datasheet (PDF)

Go To PDF Page Download Datasheet
M624 Datasheet PDF - Integrated Circuit Systems

Part # M624
Download  M624 Click to download

File Size   52.83 Kbytes
Page   1 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VOLTAGE CONTROLLED SAW OSCILLATOR

M624 Datasheet (HTML) - Integrated Circuit Systems


M624 Product details

GENERAL DESCRIPTION
The M624 is a VCSO (Voltage Controlled SAW Oscillator) frequency source specifically designed for high-speed SONET/SDH applications for rates up to OC-768. Its integrated SAW (surface acoustic wave) delay line provides excellent phase noise performance and spectral purity, while requiring a low supply voltage (+3.3V). An extremely linear tuning range makes the M624 especially suited for phase-locked loop applications, which are extensively used in timing circuits and clock and data recovery in fiber-linked data systems. The SMT VCSO’s small size and minimal power requirements make it ideal for the miniturization applications that are emerging, without sacrificing performance.

FEATURES
• VCSO center frequency from 500 to 625MHz
• Low phase noise -100dBc/Hz @ 1kHz offset
• Superior SAW jitter performance and aging; jitter 0.015ps rms typical (12kHz-20MHz)
• Excellent frequency stability and tuning linearity
• Low power consumption (300 mW)
• Single 3.3V power supply
• Small 0.6 x 0.8 inch SMT (surface mount) package




Similar Part No. - M624

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62412P MITSUBISHI-M62412P Datasheet
462Kb / 8P
2CH 4 MODE PRESET EQUALIZER
M62413FP MITSUBISHI-M62413FP Datasheet
869Kb / 14P
ELECTRONIC SOUND CONTROL WITH ELECTRONIC VOLUME FOR MULTIPLE SOURCES
M62415 MITSUBISHI-M62415 Datasheet
283Kb / 7P
2CH 4 MODE PRESET EQUALIZER
M62415FP MITSUBISHI-M62415FP Datasheet
283Kb / 7P
2CH 4 MODE PRESET EQUALIZER
M62415P MITSUBISHI-M62415P Datasheet
283Kb / 7P
2CH 4 MODE PRESET EQUALIZER
More results


Similar Description - M624

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 1.1
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
Voltage Controlled SAW Oscillator
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
Voltage Controlled SAW Oscillator
VS-401 VECTRON-VS-401_11 Datasheet
655Kb / 5P
Voltage Controlled SAW Oscillator
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
Voltage Controlled SAW Oscillator
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
VOLTAGE CONTROLLED SAW OSCILLATOR
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
VOLTAGE CONTROLLED SAW OSCILLATOR
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com