Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M675 Datasheet (PDF) - Integrated Device Technology

M675 Datasheet PDF - Integrated Device Technology
Part # M675
Download  M675 Download
File Size   111.2 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description VOLTAGE CONTROLLED SAW OSCILLATOR

M675 Datasheet (PDF)

Go To PDF Page Download Datasheet
M675 Datasheet PDF - Integrated Device Technology

Part # M675
Download  M675 Click to download

File Size   111.2 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description VOLTAGE CONTROLLED SAW OSCILLATOR

M675 Datasheet (HTML) - Integrated Device Technology


M675 Product details

GENERAL DESCRIPTION

The M675 is a VCSO (Voltage Controlled SAW Oscillator) frequency source for low-jitter clock generation. An integrated SAW (surface acoustic wave) delay line implements the high-Q VCO (voltage controlled oscillator) function, which results in low output phase noise and very low jitter. The M675-01 is available in a range of center frequencies from 125 to 175 MHz. The M675-02 provides 500 to 700 MHz. Guaranteed minimum

pull-range of ±100 ppm meets GbE requirements.



FEATURES

◆ Integrated SAW device

◆ M675-01 output frequencies from 125 to 175 MHz

  M675-02 output frequencies from 500 to 700 MHz

  (Specify center frequency at time of order)

◆ Industry-standard Kvco for full compatibility

◆ Low phase jitter 0.2ps rms typical for the M675-02 (50kHz to 80MHz)

◆ Differential 3.3V LVPECL output

◆ Single 3.3V power supply

◆ Small 5 x 7.5mm SMT (surface mount) package




Similar Part No. - M675

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M675 ICST-M675 Datasheet
257Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 0.4
M675-01 ICST-M675-01 Datasheet
257Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 0.4
M675-01-BA ICST-M675-01-BA Datasheet
257Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 0.4
M675-01-BB ICST-M675-01-BB Datasheet
257Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 0.4
M675-01-BD ICST-M675-01-BD Datasheet
257Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 0.4
More results


Similar Description - M675

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 1.1
M624 ICST-M624 Datasheet
52Kb / 1P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 2.2
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
Voltage Controlled SAW Oscillator
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
Voltage Controlled SAW Oscillator
VS-401 VECTRON-VS-401_11 Datasheet
655Kb / 5P
Voltage Controlled SAW Oscillator
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
VOLTAGE CONTROLLED SAW OSCILLATOR
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
VOLTAGE CONTROLLED SAW OSCILLATOR
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com