Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M675-01-BA Datasheet (PDF) - Integrated Circuit Systems

M675-01-BA Datasheet PDF - Integrated Circuit Systems
Part # M675-01-BA
Download  M675-01-BA Download
File Size   257.22 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VOLTAGE CONTROLLED SAW OSCILLATOR

M675-01-BA Datasheet (PDF)

Go To PDF Page Download Datasheet
M675-01-BA Datasheet PDF - Integrated Circuit Systems

Part # M675-01-BA
Download  M675-01-BA Click to download

File Size   257.22 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VOLTAGE CONTROLLED SAW OSCILLATOR

M675-01-BA Datasheet (HTML) - Integrated Circuit Systems


M675-01-BA Product details

GENERAL DESCRIPTION

The M675 is a VCSO (Voltage Controlled SAW Oscillator) frequency source for low-jitter clock generation. An integrated SAW (surface acoustic wave) delay line implements the high-Q VCO (voltage controlled oscillator) function, which results in low output phase noise and very low jitter. The M675-01 is available in a range of center frequencies from 125 to 175 MHz. The M675-02 provides 500 to 700 MHz. Guaranteed minimum

pull-range of ±100 ppm meets GbE requirements.



FEATURES

◆ Integrated SAW device

◆ M675-01 output frequencies from 125 to 175 MHz

  M675-02 output frequencies from 500 to 700 MHz

  (Specify center frequency at time of order)

◆ Industry-standard Kvco for full compatibility

◆ Low phase jitter 0.2ps rms typical for the M675-02 (50kHz to 80MHz)

◆ Differential 3.3V LVPECL output

◆ Single 3.3V power supply

◆ Small 5 x 7.5mm SMT (surface mount) package




Similar Part No. - M675-01-BA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675-01-BA IDT-M675-01-BA Datasheet
111Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
More results


Similar Description - M675-01-BA

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 1.1
M624 ICST-M624 Datasheet
52Kb / 1P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 2.2
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
Voltage Controlled SAW Oscillator
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
Voltage Controlled SAW Oscillator
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
Voltage Controlled SAW Oscillator
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
VOLTAGE CONTROLLED SAW OSCILLATOR
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
VOLTAGE CONTROLLED SAW OSCILLATOR
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com