Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3658 Datasheet (PDF) - Maxim Integrated Products

MAX3658 Datasheet PDF - Maxim Integrated Products
Part # MAX3658
Download  MAX3658 Download
File Size   2011.83 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier

MAX3658 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3658 Datasheet PDF - Maxim Integrated Products

Part # MAX3658
Download  MAX3658 Click to download

File Size   2011.83 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier

MAX3658 Datasheet (HTML) - Maxim Integrated Products


MAX3658 Product details

General Description
The MAX3658 is a transimpedance preamplifier for receivers operating up to 622Mbps. Low noise, high gain, and low power dissipation make it ideal for fiber access and small form-factor transceivers.

Features
♦ 45nARMS Noise, -33dBm Sensitivity
♦ 18.3kΩ Transimpedance Gain
♦ 580MHz Bandwidth
♦ 2mAP-P Input Overload, 1dBm Overload
♦ 66mW Power Dissipation
♦ 3.3V Operation
♦ Average Photocurrent Monitor

Applications
    Optical Receivers (Up to 622Mbps Operation)
    Passive Optical Networks
    SFF/SFP Transceivers
    FTTx Transceivers




Similar Part No. - MAX3658

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3658 MAXIM-MAX3658 Datasheet
530Kb / 15P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
MAX3658AE/D MAXIM-MAX3658AE/D Datasheet
530Kb / 15P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
MAX3658AETA MAXIM-MAX3658AETA Datasheet
530Kb / 15P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
MAX3658AETA+ MAXIM-MAX3658AETA+ Datasheet
530Kb / 15P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
MAX3658BE/D MAXIM-MAX3658BE/D Datasheet
530Kb / 15P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
More results


Similar Description - MAX3658

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1228 NEC-UPC1228 Datasheet
1Mb / 10P
LOW NOISE DUAL PREAMPLIFIER
logo
Maxim Integrated Produc...
MAX3664 MAXIM-MAX3664 Datasheet
236Kb / 12P
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-0479; Rev 1; 7/97
MAX3665 MAXIM-MAX3665 Datasheet
584Kb / 12P
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-1601; Rev 0; 1/00
MAX3760 MAXIM-MAX3760 Datasheet
124Kb / 8P
622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers
19-4765; Rev 0; 7/98
logo
Hitachi Semiconductor
HA12017 HITACHI-HA12017 Datasheet
494Kb / 6P
LOW NOISE PREAMPLIFIER
logo
List of Unclassifed Man...
QA605 ETC-QA605 Datasheet
58Kb / 2P
Low Noise Preamplifier
logo
Zarlink Semiconductor I...
ZL60007 ZARLINK-ZL60007 Datasheet
240Kb / 7P
1310nm, 1550nm 622Mbps PIN with Preamplifier
logo
Maxim Integrated Produc...
MAX3665 MAXIM-MAX3665_05 Datasheet
732Kb / 10P
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
Rev 2; 11/05
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
622Mbps Transimpedance Amplifier with AGC
logo
Maxim Integrated Produc...
MAX3658 MAXIM-MAX3658_V01 Datasheet
530Kb / 15P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com