Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3664 Datasheet (PDF) - Maxim Integrated Products

MAX3664 Datasheet PDF - Maxim Integrated Products
Part # MAX3664
Download  MAX3664 Download
File Size   236.65 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET

MAX3664 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3664 Datasheet PDF - Maxim Integrated Products

Part # MAX3664
Download  MAX3664 Click to download

File Size   236.65 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET

MAX3664 Datasheet (HTML) - Maxim Integrated Products


MAX3664 Product details

General Description
The MAX3664 low-power transimpedance preamplifier for 622Mbps SDH/SONET applications consumes only 85mW. Operating from a single +3.3V supply, it converts a small photodiode current to a measurable differential voltage. A DC cancellation circuit provides a true differential output swing over a wide range of input current levels, thus reducing pulse-width distortion. The differential outputs are back-terminated with 60Ω per side.

Features
♦ Single +3.3V Supply Operation
♦ 55nARMS Input-Referred Noise
♦ 6kΩ Gain
♦ 85mW Power
♦ 300µA Peak Input Current
♦ 200ps Max Pulse-Width Distortion
♦ Differential Output Drives 100Ω Load
♦ 590MHz Bandwidth

Applications
   SDH/SONET Receivers
   PIN/Preamplifier Receivers
   Regenerators for SDH/SONET




Similar Part No. - MAX3664

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX366 MAXIM-MAX366 Datasheet
103Kb / 12P
Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
MAX366-MAX367 MAXIM-MAX366-MAX367 Datasheet
103Kb / 12P
Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
MAX3660 MAXIM-MAX3660 Datasheet
250Kb / 9P
Analog CATV Transimpedance Amplifier
Rev 0; 7/08
MAX3660ETE+ MAXIM-MAX3660ETE+ Datasheet
250Kb / 9P
Analog CATV Transimpedance Amplifier
Rev 0; 7/08
MAX3663 MAXIM-MAX3663 Datasheet
271Kb / 13P
3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 2; 5/04
More results


Similar Description - MAX3664

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3665 MAXIM-MAX3665 Datasheet
584Kb / 12P
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-1601; Rev 0; 1/00
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3658 MAXIM-MAX3658 Datasheet
1Mb / 14P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 1; 5/04
logo
Vitesse Semiconductor C...
VSC7902 VITESSE-VSC7902 Datasheet
99Kb / 4P
SONET/SDH Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3665 MAXIM-MAX3665_05 Datasheet
732Kb / 10P
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
Rev 2; 11/05
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
MAX3658 MAXIM-MAX3658_V01 Datasheet
530Kb / 15P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com